Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55C68 Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BZV55C68
Description  500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZV55C68 Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZV55C68 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZV55C68 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZV55C68 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BZV55C68 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Type
ZZT @ IZT
IR @ VR
Number
VZ
VZ
IZT
Ohms
IZK
ZZK @ IZK
uA
VR
Min (V)
Max (V)
mA
Max
mA
Ohms
Max
V
BZV55C2V0
1.88
2.11
5
100
1.0
600
50
1.0
BZV55C2V2
2.08
2.33
5
100
1.0
600
50
1.0
BZV55C2V4
2.28
2.56
5
85
1.0
600
50
1.0
BZV55C2V7
2.51
2.89
5
85
1.0
600
10
1.0
BZV55C3V0
2.8
3.2
5
85
1.0
600
4
1.0
BZV55C3V3
3.1
3.5
5
85
1.0
600
2
1.0
BZV55C3V6
3.4
3.8
5
85
1.0
600
2
1.0
BZV55C3V9
3.7
4.1
5
85
1.0
600
2
1.0
BZV55C4V3
4.0
4.6
5
75
1.0
600
1
1.0
BZV55C4V7
4.4
5.0
5
60
1.0
600
0.5
1.0
BZV55C5V1
4.8
5.4
5
35
1.0
550
0.1
1.0
BZV55C5V6
5.2
6.0
5
25
1.0
450
0.1
1.0
BZV55C6V2
5.8
6.6
5
10
1.0
200
0.1
2.0
BZV55C6V8
6.4
7.2
5
8
1.0
150
0.1
3.0
BZV55C7V5
7.0
7.9
5
7
1.0
50
0.1
5.0
BZV55C8V2
7.7
8.7
5
7
1.0
50
0.1
6.2
BZV55C9V1
8.5
9.6
5
10
1.0
50
0.1
6.8
BZV55C10
9.4
10.6
5
15
1.0
70
0.1
7.5
BZV55C11
10.4
11.6
5
20
1.0
70
0.1
8.2
BZV55C12
11.4
12.7
5
20
1.0
90
0.1
9.1
BZV55C13
12.4
14.1
5
26
1.0
110
0.1
10
BZV55C15
13.8
15.6
5
30
1.0
110
0.1
11
BZV55C16
15.3
17.1
5
40
1.0
170
0.1
12
BZV55C18
16.8
19.1
5
50
1.0
170
0.1
13
BZV55C20
18.8
21.1
5
55
1.0
220
0.1
15
BZV55C22
20.8
23.3
5
55
1.0
220
0.1
16
BZV55C24
22.8
25.6
5
80
1.0
220
0.1
18
BZV55C27
25.1
28.9
2
80
1.0
220
0.1
20
BZV55C30
28
32
2
80
1.0
220
0.1
22
BZV55C33
31
35
2
80
1.0
220
0.1
24
BZV55C36
34
38
2
80
1.0
220
0.1
27
BZV55C39
37
41
2
90
0.5
500
0.1
28
BZV55C43
40
46
2
90
0.5
600
0.1
32
BZV55C47
44
50
2
110
0.5
700
0.1
35
BZV55C51
48
54
2
125
0.5
700
0.1
38
BZV55C56
52
60
2
135
0.5
1000
0.1
42
BZV55C62
58
66
2.5
150
0.5
1000
0.1
47
BZV55C68
64
72
2.5
160
0.5
1000
0.1
51
BZV55C75
70
80
2.5
170
0.5
1000
0.1
56
VF Forward Voltage = 1.0v Maximum @ IF=100mA for all types.
Notes:
1. The type numbers listed have zener voltage min/max limits as shown.
2. The zener impedance is derived from the 60-cycle ac voltage, which results
when an ac current having an rams value equal to 10% of the dc zener current
(IZT or IZK) is superimposed to IZT or IZK.
VZ @ IZT
(Volts)
BZV55C SERIES
500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BZV55C68

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C68 CDI-DIODE-BZV55C68 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Microsemi Corporation
BZV55C68 MICROSEMI-BZV55C68 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Central Semiconductor C...
BZV55C68 CENTRAL-BZV55C68 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Continental Device Indi...
BZV55C68 CDIL-BZV55C68 Datasheet
302Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZV55C68 EIC-BZV55C68 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C68

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BZV55B LUGUANG-BZV55B Datasheet
385Kb / 4P
   500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
logo
SeCoS Halbleitertechnol...
BZV55C SECOS-BZV55C_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55B SECELECTRONICS-BZV55B Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
BZV55B SECOS-BZV55B_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55C SECELECTRONICS-BZV55C Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com