Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55C39 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BZV55C39
Description  500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZV55C39 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZV55C39 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZV55C39 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZV55C39 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BZV55C39 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Zener voltage range 2.0 to 75 volts
LL-34(Mini-MELF) package
Surface device type mounting
Hermetically sealed glass
Compression Bonded Construction
All external surfaces are corrosion
resistant and terminals are readily
solderable
RoHS compliant
Matte Tin(Sn) lead finish
Blue color band indicates negative polarity
MINI-MELF
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
Power Dissipation
Ptot
500
mW
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 200
oC
Notes:
These ratings are limiting values above which the serviceability of the diode may be impaired
BZV55C SERIES
500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
Dimension in millimeters
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BZV55C39

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C39 CDI-DIODE-BZV55C39 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Microsemi Corporation
BZV55C39 MICROSEMI-BZV55C39 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Central Semiconductor C...
BZV55C39 CENTRAL-BZV55C39 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Continental Device Indi...
BZV55C39 CDIL-BZV55C39 Datasheet
302Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZV55C39 EIC-BZV55C39 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C39

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BZV55B LUGUANG-BZV55B Datasheet
385Kb / 4P
   500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
logo
SeCoS Halbleitertechnol...
BZV55C SECOS-BZV55C_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55B SECELECTRONICS-BZV55B Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
BZV55B SECOS-BZV55B_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55C SECELECTRONICS-BZV55C Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com