Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55C4V7 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BZV55C4V7
Description  500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZV55C4V7 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZV55C4V7 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZV55C4V7 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZV55C4V7 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BZV55C4V7 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Figure 1. Total Power Dissipation vs. Ambient Temperature
Figure 2. Typical Change of Working Voltage under Operating
Conditions at Tamb=25°C
Figure 3. Typical Change of Working Voltage vs. Junction
Temperature
0
120
160
0
100
300
400
500
600
T
amb - Ambient Temperature (°C)
200
200
80
40
10
15
20
1
10
100
1000
V
Z - Z-Voltage (V)
25
T
j = 25 °C
I
Z = 5 mA
0
5
- 60
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
T
j - Junction Temperature (°C)
240
0
V
Ztn = VZt/VZ (25 °C)
0
TK
VZ = 10 x 10
-4/K
8 x 10-4/K
2 x 10-4/K
6 x 10-4/K
4 x 10-4/K
- 4 x 10-4/K
- 2 x 10-4/K
Figure 4. Temperature Coefficient of Vz vs. Z-Voltage
Figure 5. Diode Capacitance vs. Z-Voltage
Figure 6. Forward Current vs. Forward Voltage
30
- 5
0
5
10
15
V
Z - Z-Voltage (V)
50
40
I
Z = 5 mA
10
20
0
10
15
0
50
100
150
200
V
Z - Z-Voltage (V)
25
20
T
j = 25 °C
V
R = 2 V
0
5
0
0.2
0.4
0.6
0.8
0.001
0.01
0.1
1
10
100
1.0
V
F - Forward Voltage (V)
T
j = 25 °C
RATINGS AND CHARACTERISTIC CURVES (BZV55C SERIES)
BZV55C SERIES
500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BZV55C4V7

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C4V7 CDI-DIODE-BZV55C4V7 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Microsemi Corporation
BZV55C4V7 MICROSEMI-BZV55C4V7 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Central Semiconductor C...
BZV55C4V7 CENTRAL-BZV55C4V7 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Continental Device Indi...
BZV55C4V7 CDIL-BZV55C4V7 Datasheet
302Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZV55C4V7 EIC-BZV55C4V7 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C4V7

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BZV55B LUGUANG-BZV55B Datasheet
385Kb / 4P
   500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
logo
SeCoS Halbleitertechnol...
BZV55C SECOS-BZV55C_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55B SECELECTRONICS-BZV55B Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
BZV55B SECOS-BZV55B_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55C SECELECTRONICS-BZV55C Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com