Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR03A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DFR03A
Description  Surface Mount Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DFR03A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DFR03A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DFR03A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DFR0.3A~DFR0.3M
Surface Mount Fast Recovery Rectifiers
Major Ratings and Characteristics
Features
Low profile space
Ideal for automated placement
Glass passivated chip junctions
Low forward voltage drop
Low leakage current
High forward surge capability
High temperature soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Case: JEDEC SOD-123FL molded plastic
body over glass passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity: Laser band denotes cathode end
Weight: 0.017gram
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
DFR
0.3A
DFR
0.3B
DFR
0.3D
DFR
0.3G
DFR
0.3J
DFR
0.3K
DFR
0.3M
UNIT
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
VF
V
IR
μA
trr
250
nS
TJ, TSTG
Operating junction and storage temperature range
–55 to +150
Maximum instantaneous forward voltage at 0.3A
1.3
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
5.0
50
Maximum reverse recovery time at IF = 0.3 A ,
IR = 1.0 A , Irr = 0.25 A
150
500
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.3
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
10
VF
1.3V
Tj max.
150 °C
IFSM
10A
IR
5
μA
IF(AV)
0.3 A
VRRM
50 V to 1000 V
http://www.luguang.cn Email:lge@luguang.cn


Similar Part No. - DFR03A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
DFR03A CHENDA-DFR03A Datasheet
148Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR03AF03B CHENDA-DFR03AF03B Datasheet
148Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - DFR03A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
SRR0 EIC-SRR0 Datasheet
48Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Silicon Standard Corp.
GR3K SSC-GR3K Datasheet
271Kb / 3P
   FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Compact Technology Corp...
FS1A CTC-FS1A Datasheet
173Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A_05 Datasheet
55Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RS1A SEMTECH_ELEC-RS1A Datasheet
168Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Weitron Technology
RS3A WEITRON-RS3A Datasheet
84Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
   Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Taychipst Elec...
FR3A TAYCHIPST-FR3A Datasheet
1Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
DFR05A LUGUANG-DFR05A Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
   Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com