Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8412 Datasheet(PDF) 10 Page - Texas Instruments

Part # DRV8412
Description  Dual Full Bridge PWM Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8412 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8412_11 Datasheet HTML 6Page - Texas Instruments DRV8412_11 Datasheet HTML 7Page - Texas Instruments DRV8412_11 Datasheet HTML 8Page - Texas Instruments DRV8412_11 Datasheet HTML 9Page - Texas Instruments DRV8412_11 Datasheet HTML 10Page - Texas Instruments DRV8412_11 Datasheet HTML 11Page - Texas Instruments DRV8412_11 Datasheet HTML 12Page - Texas Instruments DRV8412_11 Datasheet HTML 13Page - Texas Instruments DRV8412_11 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
DRV8412
DRV8432
SLES242D
– DECEMBER 2009 – REVISED JULY 2011
www.ti.com
THEORY OF OPERATION
Special attention should be paid to the power-stage
POWER SUPPLIES
power supply; this includes component selection,
PCB placement, and routing. As indicated, each
To facilitate system design, the DRV8412/32 need
half-bridge has independent power-stage supply pin
only a 12-V supply in addition to H-Bridge power
(PVDD_X). For optimal electrical performance, EMI
supply (PVDD). An internal voltage regulator provides
compliance, and system reliability, it is important that
suitable voltage levels for the digital and low-voltage
each PVDD_X pin is decoupled with a ceramic
analog circuitry. Additionally, the high-side gate drive
capacitor (X5R or better) placed as close as possible
requiring
a
floating
voltage
supply,
which
is
to each supply pin. It is recommended to follow the
accommodated by built-in bootstrap circuitry requiring
PCB layout of the DRV8412/32 EVM board.
external bootstrap capacitor.
The 12-V supply should be from a low-noise,
To provide symmetrical electrical characteristics, the
low-output-impedance voltage regulator. Likewise, the
PWM signal path, including gate drive and output
50-V power-stage supply is assumed to have low
stage,
is
designed
as
identical,
independent
output impedance and low noise. The power-supply
half-bridges. For this reason, each half-bridge has a
sequence is not critical as facilitated by the internal
separate gate drive supply (GVDD_X), a bootstrap
power-on-reset circuit. Moreover, the DRV8412/32
pin
(BST_X),
and
a
power-stage
supply
pin
are fully protected against erroneous power-stage
(PVDD_X). Furthermore, an additional pin (VDD) is
turn-on
due
to
parasitic
gate
charging.
Thus,
provided as supply for all common circuits. Special
voltage-supply ramp rates (dv/dt) are non-critical
attention should be paid to place all decoupling
within
the
specified
voltage
range
(see
the
capacitors as close to their associated pins as
Recommended Operating Conditions section of this
possible. In general, inductance between the power
data sheet).
supply pins and decoupling capacitors must be
avoided. Furthermore, decoupling capacitors need a
short ground path back to the device.
SYSTEM POWER-UP/POWER-DOWN
SEQUENCE
For a properly functioning bootstrap circuit, a small
ceramic capacitor (an X5R or better) must be
Powering Up
connected from each bootstrap pin (BST_X) to the
power-stage
output
pin
(OUT_X).
When
the
The
DRV8412/32
do
not
require
a
power-up
power-stage output is low, the bootstrap capacitor is
sequence. The outputs of the H-bridges remain in a
charged
through
an
internal
diode
connected
high impedance state until the gate-drive supply
between the gate-drive power-supply pin (GVDD_X)
voltage GVDD_X and VDD voltage are above the
and the bootstrap pin. When the power-stage output
undervoltage protection (UVP) voltage threshold (see
is high, the bootstrap capacitor potential is shifted
the Electrical Characteristics section of this data
above the output potential and thus provides a
sheet). Although not specifically required, holding
suitable voltage supply for the high-side gate driver.
RESET_AB and RESET_CD in a low state while
In an application with PWM switching frequencies in
powering up the device is recommended. This allows
the range from 10 kHz to 500 kHz, the use of 100-nF
an internal circuit to charge the external bootstrap
ceramic capacitors (X5R or better), size 0603 or
capacitors by enabling a weak pulldown of the
0805, is recommended for the bootstrap supply.
half-bridge output.
These 100-nF capacitors ensure sufficient energy
storage, even during minimal PWM duty cycles, to
Powering Down
keep the high-side power stage FET fully turned on
The DRV8412/32 do not require a power-down
during the remaining part of the PWM cycle. In an
sequence. The device remains fully operational as
application running at a switching frequency lower
long as the gate-drive supply (GVDD_X) voltage and
than 10 kHz, the bootstrap capacitor might need to be
VDD voltage are above the UVP voltage threshold
increased in value.
(see the Electrical Characteristics section of this data
sheet). Although not specifically required, it is a good
practice to hold RESET_AB and RESET_CD low
during power down to prevent any unknown state
during this transition.
10
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - DRV8412_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8412 TI-DRV8412_10 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Full Bridge PWM Motor Driver
DRV8412 TI-DRV8412_15 Datasheet
1Mb / 42P
[Old version datasheet]   DRV84x2 Dual Full-Bridge PWM Motor Driver
More results

Similar Description - DRV8412_11

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com