Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZG03C Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BZG03C
Description  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZG03C Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZG03C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZG03C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZG03C Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4.5± 0.1
1.3± 0.2
0.2± 0.05
5.1± 0.2
◇ High reliability
◇ Voltage range 10 V to 270 V
◇ Fits onto 5 mm SMD footpads
◇ Wave and reflow solderable
◇ Case:JEDEC DO-214AC(SMA)
◇ Polarity: Color band denotes cathods end
◇ Mounting position: any
Parameter
Power dissipation at T
tp=100℃
Forward voltage @IF=500mA
Maximum thermal resistance
junction to ambient
Peak reverse power dissipation(non-repetitive)
tp=100
µs square wave
Junction temperature
Storage temperature range
Maximum Ratings and Thermal Characteristics
(TA=25℃ unless otherwise noted)
VF
1.2
W
Unit
Value
3.0
W
POWER DISSIPATION: 3.0 W
DO-214AC(SMA)
VZ : 10 -- 270 V
-65 to +150
TSTG
TJ
-65 to +150
Symbol
Ptot
◇ Weight: 0.002 ounces, 0.064 grams
V
K/W
RθJA
150
PZSM
600
Glass passivated junction
Dimensions in millimeters
BZG03C Series
Zener Diodes
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BZG03C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
BZG03C VISHAY-BZG03C Datasheet
81Kb / 5P
   Zener Diodes
Rev. 1.9, 29-Nov-11
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
   ZENER DIODES
BZG03C BILIN-BZG03C Datasheet
187Kb / 4P
   ZENER DIODES
logo
Vishay Siliconix
BZG03C VISHAY-BZG03C Datasheet
83Kb / 5P
   Zener Diodes
Rev. 1.9, 29-Nov-11
More results

Similar Description - BZG03C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com