Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV28-200 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BYV28-200
Description  Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BYV28-200 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BYV28-200 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BYV28-200 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low cost
Diffused junction
Low leakage
Low forward voltage drop
High current capability
Case: JEDEC DO-27,m olded plastic
Term inals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041 ounces,1.15 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,50 Hz,resistive or inductive load. For capacitive load,derate by 20%.
BYV28
-50
BYV28
-150
BYV28
-200
BYV28
-300
BYV28
-400
BYV28
-600
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
150
200
300
400
600
V
Maximum RMS voltage
VRMS
35
105
140
210
280
420
V
Maximum DC blocking voltage
VDC
50
150
200
300
400
600
V
Maximum average forw ard rectified current
9.5mm lead length,
@TA=75
Peak forw ard surge current
10ms single half-sine-w ave
superimposed on rated load
@TJ=125
Maximum instantaneous forw ard voltage
@ IF=IF(AV)
VF
1.25
V
Maximum reverse current
@TA=25
at rated DC blocking voltage @TA=100
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
5.0
1.05
1.02
100
3.5
3.0
VOLTAGE RANGE: 50 --- 600 V
CURRENT: 3.5, 3.0 A
3. Thermal resistance f rom junction to ambient.
A
90.0
IR
IFSM
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
100.0
A
- 55 ----- + 150
2. Measured at 1.0MHz and applied rev erse v oltage of 4.1V DC.
DO - 27
A
Easily cleaned with alcohol,Isopropanol
and similar solvents
70
100
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
BYV28
-100
- 55 ----- + 150
IF(AV)
25
50
75
100
Dimensions in millimeters
BYV28-50--BYV28-600
Super Fast Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BYV28-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV28-200 PHILIPS-BYV28-200 Datasheet
100Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Vishay Siliconix
BYV28-200 VISHAY-BYV28-200 Datasheet
43Kb / 4P
   Ultra Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
General Semiconductor
BYV28-200 GE-BYV28-200 Datasheet
53Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
BYV28-200 VISHAY-BYV28-200 Datasheet
369Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Digitron Semiconductors
BYV28-200 DIGITRON-BYV28-200 Datasheet
93Kb / 2P
   ULTRA FAST SILICON RECTIFIERS
More results

Similar Description - BYV28-200

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com