Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY500-800 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BY500-800
Description  Soft Recovery Fast Switching Plastic Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BY500-800 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BY500-800 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BY500-800 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes: (1) Reverse recovery test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
(3) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length with both leads to heat sink
Symbols
BY500
-50
BY500
-100
BY500
-200
BY500
-400
BY500
-600
BY500
-800
BY500
-1000
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at T
L=45
I
(AV)
5.0
Amps
Peak forward surge current
8.3mS single half sine-wave superimposed
on rated load at T
A=25
I
FSM
200.0
Amps
Maximum repetitive peak forward surge
I
FRM
10.0
Amps
Maximum instantaneous forward voltage at 5.0A
V
F
1.35
Volts
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=100
I
R
10.0
1.0
A
mA
Maximum reverse recovery time (Note 1)
T
rr
200.0
nS
Maximum reverse recovery current (Note 1)
I
RM(REC)
2.0
Amps
Typical junction capacitance (Note 2)
C
J
28.0
F
Typical thermal resistance (Note 3)
R
JA
22.0
/W
Operating junction temperature range
T
J
-50 to +125
Storage temperature range
T
STG
-50 to +150
Reverse Voltage - 50 to 1000 Volts
Forward Current - 5.0 Amperes
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High surge current capability
Fast switching for high efficiency
High forward current operation at T
L=45
Construction utilizes void-free molded plastic technique
Especially designed for applications such as Switch Mode
Power Supplies, Inverters, Converters, TV scanning,
Ultrasonic-systems, Speed controlled DC Motors, Low
RF Interference and Free Wheeling Diode Circuits
High temperature soldering guaranteed:
250 /10 seconds, 0.375” (9.5mm) lead length, 5 lbs. (2.3Kg) tension
Case: DO-201AD molded plastic body
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:
BY500-50-BY500-1000
Soft Recovery Fast Switching Plastic Rectifier
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Mechanical Data
Features
Dimensions in inches and (millimeters)
DO-201AD
1.2 grams
Type Number
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BY500-800

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BY500-800 GE-BY500-800 Datasheet
44Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Diode Semiconductor Kor...
BY500-800 DSK-BY500-800 Datasheet
282Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
BY500-800 GOOD-ARK-BY500-800 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Zibo Seno Electronic En...
BY500-800 ZSELEC-BY500-800 Datasheet
84Kb / 2P
   5.0A FAST RECOVERY DIODE
logo
Diotec Semiconductor
BY500-800 DIOTEC-BY500-800 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
More results

Similar Description - BY500-800

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY396 PANJIT-BY396_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
BY500-1000 LUGUANG-BY500-1000 Datasheet
1Mb / 2P
   Soft Recovery Fast Switching Plastic Rectifier
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P Datasheet
68Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
MR850 PANJIT-MR850_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P_V01 Datasheet
79Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
01-Jan-2022
BY500-100 VISHAY-BY500-100 Datasheet
70Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
Revision: 26-Oct-09
BY500-100 VISHAY-BY500-100_V01 Datasheet
74Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
02-Oct-12
logo
General Semiconductor
BY500-100 GE-BY500-100 Datasheet
44Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com