Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD202K Datasheet(PDF) 9 Page - Analog Devices

Part # AD202K
Description  Low Cost, Miniature Isolation Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD202K Datasheet(HTML) 9 Page - Analog Devices

Back Button AD202K Datasheet HTML 4Page - Analog Devices AD202K Datasheet HTML 5Page - Analog Devices AD202K Datasheet HTML 6Page - Analog Devices AD202K Datasheet HTML 7Page - Analog Devices AD202K Datasheet HTML 8Page - Analog Devices AD202K Datasheet HTML 9Page - Analog Devices AD202K Datasheet HTML 10Page - Analog Devices AD202K Datasheet HTML 11Page - Analog Devices AD202K Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD202/AD204
REV. B
–9–
Operation at Reduced Signal Swing.
Although the nominal
output signal swing for the AD202 and AD204 is
±5 V, there
may be cases where a smaller signal range may be desirable.
When that is done, the fixed errors (principally offset terms and
output noise) become a larger fraction of the signal, but nonlin-
earity is reduced. This is shown in Figure 15.
Figure 15. Nonlinearity vs. Signal Swing
PCB Layout for Multichannel Applications.
The pinout of
the AD204Y has been designed to make very dense packing
possible in multichannel applications. Figure 16a shows the rec-
ommended printed circuit board (PCB) layout for the simple
voltage-follower connection. When gain-setting resistors are
present, 0.25" channel centers can still be achieved, as shown in
Figure 16b.
Figure 16a.
Figure 16b.
(Circuit figures shown on this page are for SIP style pack-
ages. Refer to page 3 for proper DIP package pinout.)


Similar Part No. - AD202K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202K AD-AD202K Datasheet
430Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD202K AD-AD202K Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD202KN AD-AD202KN Datasheet
430Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD202KY AD-AD202KY Datasheet
430Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
More results

Similar Description - AD202K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202 AD-AD202_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD202 AD-AD202_02 Datasheet
430Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD204 AD-AD204_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
logo
MicroPower Direct, LLC
A200EHI MPD-A200EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com