Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD75-100 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part # CD75-100
Description  CD75 SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

CD75-100 Datasheet(HTML) 1 Page - AIT Components Ltd.

  CD75-100 Datasheet HTML 1Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
3
3
OF AIT COMPONENTS LTD IS
SCALE:1:1
SIZE DWG. NO.
A
REV.
MATERIAL
FINISH
--
DO NOT SCALE DRAWING
CD75 SMD POWER INDUCTOR
CD75 SMD POWER INDUCTOR
00
--
TITLE:
PROPRIETARY AND CONFIDENTIAL
STRICTLY PROHIBITED.
ANGLE +/-1 DEGREE
NAME
DATE
DRAWN
CHECKED
ENG APPR.
SHEET 1 OF 1
TWO PLACE DECIMAL +/-0.13
ONE PLACE DECIMAL +/-0.3
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF AIT COMPONENTS LTD.
ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION
AIT COMPONENTS LTD
www.aitcomponents.com
7.8
7.0
SPECIFICATION
TYPE
= CD75
CONSTRUCTION
= SURFACE MOUNT POWER INDUCTOR
TERIMAL COATING
= NICKEL
OPERATING TEMP.
= -40 TO +85 C
STORAGE TEMP
= -55 TO +125 C
INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
DIELECTRIC STREGTH
= 250Vac TERMINAL-CORE
HUMIDITY EFFECTS
= L 5 @ 95%RH, 40 C, 1HR
Q 5 @ 95%RH, 40 C, 1HR
PACKAGING
= 1000PCS/REEL
MARKING
= 3 CHARACTERS, VALUE
NOTE
TOLERANCES K=10%; M=20%.
Part
L
Tol
R
DC
I
DC
(
H)
%
MAX
I
N
(
)(A)
CD75-100
10 @2.52 MHz
K
0.07
2.3
CD75-120
12 @2.52 MHz
K
0.08
2
CD75-150
15 @2.52 MHz
K
0.09
1.8
CD75-180
18 @2.52 MHz
K
0.1
1.6
CD75-220
22 @2.52 MHz
K
0.11
1.5
CD75-270
27 @2.52 MHz
K
0.12
1.3
CD75-330
33 @2.52 MHz
K
0.13
1.2
CD75-390
39 @2.52 MHz
K
0.16
1.1
CD75-470
47 @2.52 MHz
K
0.18
1.1
CD75-560
56 @2.52 MHz
K
0.24
0.9
CD75-680
68 @2.52 MHz
K
0.28
0.9
CD75-820
82 @2.52 MHz
K
0.37
0.8
CD75-101
100 @1.0 kHz
K
0.43
0.7
CD75-121
120 @1.0 kHz
K
0.47
0.7
CD75-151
150 @1.0 kHz
K
0.64
0.6
CD75-181
180 @1.0 kHz
K
0.71
0.5
CD75-221
220 @1.0 kHz
K
0.96
0.5
CD75-271
270 @1.0 kHz
K
1.11
0.4
CD75-331
330 @1.0 kHz
K
1.26
0.4
CD75-391
390 @1.0 kHz
K
1.77
0.4
CD75-471
470 @1.0 kHz
K
1.96
0.3


Similar Part No. - CD75-100

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CD75-B2GA331KYKA TDK-CD75-B2GA331KYKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD75-B2GA331KYKA TDK-CD75-B2GA331KYKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD75-B2GA331KYKA TDK-CD75-B2GA331KYKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD75-B2GA331KYKA TDK-CD75-B2GA331KYKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD75-E2GA681MYGSA TDK-CD75-E2GA681MYGSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results

Similar Description - CD75-100

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD75 SUMIDA-CD75 Datasheet
517Kb / 6P
   CD75
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com