Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCFH0402-5N6 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part # CCFH0402-5N6
Description  CCFH0402 WIRE WOUND COIL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

CCFH0402-5N6 Datasheet(HTML) 1 Page - AIT Components Ltd.

  CCFH0402-5N6 Datasheet HTML 1Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.36
0.36
0.46
SPECIFICATION
TYPE
= CCFH0402
CONSTRUCTION
= WOUND CERAMIC CHIP
TERIMAL COATING
= SILVER/NICKEL PLATE
OPERATING TEMP.
= -40 TO +125 C
STORAGE TEMP
= -55 TO +155 C
INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
DIELECTRIC STREGTH
= 250Vac TERMINAL-CORE
HUMIDITY EFFECTS
= L 5 @ 95%RH, 40 C, 1HR
Q 5 @ 95%RH, 40 C, 1HR
PACKAGING
= 4000PCS/REEL
MARKING
= NONE
NOTE
TOLERANCES G=2%; J=5%; K=10%.
OF AIT COMPONENTS LTD IS
SCALE:1:1
SIZE DWG. NO.
A
REV.
MATERIAL
FINISH
--
DO NOT SCALE DRAWING
CCFH0402 WIRE WOUND COIL
CCFH0402 WIRE WOUND COIL
00
--
TITLE:
PROPRIETARY AND CONFIDENTIAL
STRICTLY PROHIBITED.
ANGLE +/-1 DEGREE
NAME
DATE
DRAWN
CHECKED
ENG APPR.
SHEET 1 OF 1
TWO PLACE DECIMAL +/-0.13
ONE PLACE DECIMAL +/-0.3
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF AIT COMPONENTS LTD.
ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION
AIT COMPONENTS LTD
www.aitcomponents.com
1.19
0.64
L
Tol
Q Min.
SRF
RDC
IDC
(nH)
%
(**MHz) Min.
MAX
IN
900 MHz
1.7 GHz
(MHz)
(
)
(mA)
L vs Q
L vs Q
CCFH0402-1N0 1.0 @250MHz G,J,K
16
>6000
0.045
1360 1.02 – 77 1.02 – 69
CCFH0402-2N0 2.0 @250MHz G,J,K
16
>6000
0.07
1040 1.93 – 54 1.93 – 75
CCFH0402-2N2 2.2 @250MHz G,J,K
19
>6000
0.07
960
2.19 – 59 2.23 – 100
CCFH0402-3N3 3.3 @250MHz G,J,K
19
6000
0.066
840
3.10 – 65 3.12 – 87
CCFH0402-3N6 3.6 @250MHz G,J,K
19
6000
0.066
840
3.56 – 45 3.62 – 71
CCFH0402-3N9 3.9 @250MHz G,J,K
19
5800
0.066
840
3.89 – 50 4.00 – 75
CCFH0402-5N1 5.1 @250MHz G,J,K
20
5800
0.083
800
5.15 – 56 5.25 – 82
CCFH0402-5N6 5.6 @250MHz G,J,K
20
5800
0.083
760
5.16 – 54 5.28 – 81
CCFH0402-6N2 6.2 @ 250MHz G,J,K
20
5800
0.083
760
6.16 – 52 6.37 – 76
CCFH0402-7N5 7.5 @250MHz G,J,K
22
5800
0.104
680
7.91 – 60 8.22 – 88
CCFH0402-8N2 8.2 @250MHz G,J,K
22
4400
0.104
680
8.50 – 57 8.85 – 84
CCFH0402-9N0 9.0 @250MHz G,J,K
22
4160
0.104
680
9.07 – 62 9.53 – 78
CCFH0402-011 11 @250MHz
G,J,K
24
3680
0.12
640
10.7 – 52 11.2 – 78
CCFH0402-012 12 @250MHz
G,J,K
24
3600
0.12
640
11.9 – 53 12.7 – 71
CCFH0402-015 15 @250MHz G,J,K
24
3280
0.172
560
14.6 – 55 15.5 – 77
CCFH0402-019 19 @250MHz
G,J,K
24
3040
0.202
480
19.1 – 50 21.1 – 67
CCFH0402-023 23 @250MHz
G,J,K
24
2720
0.214
400
23.8 – 49 26.9 – 64
CCFH0402-027 27 @250MHz G,J,K
25
2480
0.298
400
28.7 – 49 33.5 – 63
CCFH0402-036 36 @250MHz
G,J,K
25
2320
0.403
320
38.5 – 44 48.4 – 53
CCFH0402-040 40 @250MHz
G,J,K
24
2240
0.438
320
39.0 – 44 47.4 – 33
Part


Similar Part No. - CCFH0402-5N6

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CCFH0603 AITCOMPONENTS-CCFH0603 Datasheet
33Kb / 1P
   CCFH0603 WIRE WOUND COIL
CCFH0603-010 AITCOMPONENTS-CCFH0603-010 Datasheet
33Kb / 1P
   CCFH0603 WIRE WOUND COIL
CCFH0603-011 AITCOMPONENTS-CCFH0603-011 Datasheet
33Kb / 1P
   CCFH0603 WIRE WOUND COIL
CCFH0603-012 AITCOMPONENTS-CCFH0603-012 Datasheet
33Kb / 1P
   CCFH0603 WIRE WOUND COIL
CCFH0603-015 AITCOMPONENTS-CCFH0603-015 Datasheet
33Kb / 1P
   CCFH0603 WIRE WOUND COIL
More results

Similar Description - CCFH0402-5N6

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CCFH1008 AITCOMPONENTS-CCFH1008 Datasheet
33Kb / 1P
   CCFH1008 WIRE WOUND COIL
CCFH0603 AITCOMPONENTS-CCFH0603 Datasheet
33Kb / 1P
   CCFH0603 WIRE WOUND COIL
CCFH0805 AITCOMPONENTS-CCFH0805 Datasheet
33Kb / 1P
   CCFH0805 WIRE WOUND COIL
logo
Murata Manufacturing Co...
DLW21SN900SQ2L MURATA-DLW21SN900SQ2L Datasheet
100Kb / 2P
   Common Mode Choke Coil Wire Wound Type
DLW21HN900SQ2L MURATA-DLW21HN900SQ2L Datasheet
83Kb / 2P
   Common Mode Choke Coil Wire Wound Type
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PPN3R3N43L MURATA-LQH6PPN3R3N43L Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH44PN100MP0L MURATA-LQH44PN100MP0L Datasheet
83Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7NJ0L MURATA-LQH3NPN4R7NJ0L Datasheet
95Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com