Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5404 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1N5404
Description  3.0 AMP. Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N5404 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N5404 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5404 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
DO-201AD
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 1.2 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol 1N
5400
1N
5401
1N
5402
1N
5404
1N
5406
1N
5407
1N
5408
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 75
oC
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
200
A
Rating for Fusing (t<8.3ms)
I2t
166
A2s
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
1.0
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
100
uA
uA
Maximum Full Load Reverse Current, Full
Cycle Average .375”(9.5mm) Lead Length
@TL=75
oC
HTIR
30
uA
Typical Junction Capacitance ( Note 1 )
Cj
50
pF
Typical Thermal Resistance ( Note 2 )
RθJA
40
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
2. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
1N5400-1N5408
3.0 AMP. Silicon Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1N5404

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5404 TSC-1N5404 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
PACELEADER INDUSTRIAL
1N5404 PACELEADER-1N5404 Datasheet
487Kb / 2P
   3.0AMP GENERAL PURPOSE SILICON RECTIFIER - 50V-1000V
logo
Motorola, Inc
1N5404 MOTOROLA-1N5404 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Taiwan Semiconductor Co...
1N5404 TSC-1N5404 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
MIC GROUP RECTIFIERS
1N5404 MIC-1N5404 Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results

Similar Description - 1N5404

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
1N5408 YIXIN-1N5408 Datasheet
276Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
UNIOHM CORPORATION
1N5400 UNIOHM-1N5400 Datasheet
66Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
1N5400 GWSEMI-1N5400 Datasheet
65Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
BY251 LUGUANG-BY251 Datasheet
179Kb / 2P
   3.0 AMP. Silicon Rectifiers
logo
Bytes
1N5400 BYTES-1N5400 Datasheet
151Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
1N5400 SECOS-1N5400_15 Datasheet
259Kb / 2P
   3.0 AMP Silicon Rectifiers
logo
Nanjing International G...
1N5400 DGNJDZ-1N5400 Datasheet
240Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Formosa MS
1N5400 FORMOSA-1N5400 Datasheet
32Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Bytes
BY251 BYTES-BY251 Datasheet
150Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
1N5400 LUGUANG-1N5400_17 Datasheet
1Mb / 2P
   3.0 AMP. Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com