Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4933 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1N4933
Description  Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N4933 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N4933 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N4933 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low cost construction
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds/0.375 (9.5mm)lead length
at 5 lbs (2,3kg) tension
Transfer molded plastic
Color band denotes cathode end
Any
0.012 ounce,0.33 gram
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load derate current by 20%.
o
Case:
Polarity:
Mounting position:
Weight:
o
Fast switching for high efficency.
Maximum RMS Voltage
Maximum Average Forward Rectified Current
0.375
(9.5mm) lead length at T =75 C
A
o
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
at rated DC blocking voltage
T =25 C
T =100 C
A
o
A
o
Maximum Reverse Rec very Time(NOTE3)
T =25 C
j
o
Typical Junction Capacitance(NOTE1)
Typical Thermal Resistance(NOTE2)
Operating and Storage Temperature Range
NOTES:
1.Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.Thermal Resistance from Junction to Ambient at 0.375”(9.5mm) lead length,P.C.board mounted.
3.Reverse Recovery Test Conditions:I =1.0A,V =30V,di/dt=50A/ s,I =10% I
for measurement of t .
F
R
rr
RM
rr
SYMBOLS
UNITS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
IRM(REC)
CJ
T ,T
J
STG
-65 to +150
50
200
100
1.2
30
1.0
400
400
280
600
600
420
Amp
Amps
Volts
Amps
n
S
p
F
O C/W
O C
15
Amps
2.0
5.0
Maximum Reverse Recovery Current(NOTE 3)
200
200
140
100
100
70
50
50
35
trr
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
IN4933 IN4934 IN4935 IN4936 IN4937
Volts
Volts
Volts
R JA
1N4933-1N4937
Fast Recovery Rectifier
Dimensions in inches and (millimeters)
DO-41
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1N4933

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
First Silicon Co., Ltd
1N4933 FS-1N4933 Datasheet
517Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Jinan Jingheng (Group) ...
1N4933 JINANJINGHENG-1N4933 Datasheet
75Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - 1N4933

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com