Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF-XTX-CV-A10 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-XTX-CV-A10
Description  XTX CPU Module with Onboard Intel Atom D2550/N2600 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-XTX-CV-A10 Datasheet(HTML) 1 Page - AAEON Technology

  TF-XTX-CV-A10 Datasheet HTML 1Page - AAEON Technology TF-XTX-CV-A10 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
06-1
06
Features
Specifications
XTX-CV
XTX CPU Module with Onboard Intel® Atom™ D2550/N2600 Processor
Onboard Intel® Atom™ D2550/N2600 Processor
Intel® NM10
SODIMM DDR3 1066 Memory, Max. 4 GB
10/100Base-TX Ethernet
CRT, Up to 24-bit Dual-channel LVDS LCD
SATA 3.0Gb/s x 3, USB2.0 x 6, PATA x 1, SATA SSD (Optional)
PCI-Express [x1] x 4, PCI x 4
M2.5 Screw x 4
Product CD
XTX-CV
Packing List
System
Form Factor
XTX
Processor
Intel® Atom™ D2550/N2600 processor
D2550: 1.86 GHz
N2600: 1.6 GHz
System Memory
204-pin DDR3 SODIMM x1, Max. 4 GB (DDR3 800/1066)
D2550 800/1066MHz: Max. 4 GB
N2600 800 MHz: Max. 2 GB
Chipset
Intel® NM10
I/O Chipset
Intel® NM10
Ethernet
Realtek RTL8105E, 10/100Base-TX
BIOS
AMI BIOS SPI type, 4MB ROM
Wake On LAN
Yes
Watchdog Timer
Winbond W83627DHG/PT, 255 levels
H/W status Monitoring
Supports CPU temperature monitoring
Expansion interface
PCI-Express [x1] x 4
32-bit PCI x4
LPC bus x 1
SMBus x 1
Power Requirement
Intel® Atom™ D2550 1.86 GHz, DDR3 2GB
3.94A @ +5V,
0.3A @ +12V w/ECB-910M
Intel® Atom™ N2600 1.6 GHz, DDR3 2GB
2.46A @ +12V,
0.3A @ + 12V w/ECB-910M
Power Consumption
Intel® Atom™
Board Size
4.5" (L) x 3.74"(W) (114mm x 95mm)
Gross Weight
0.55 lb (0.25 kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
69,000
Display
Supports CRT/LVDS simultaneous/ dual view displays
Chipset
Intel® Atom™ D2550/N2600 processor integrated
DirectX 9, OpenGL *3.0
Integrateds hardware MPEG2 decoder
Memory
Shared system memory up to 512MB/ DVMT 5.0
Resolution
Up to 1920 x 1200 for CRT
Up to 1920 x 1080@24-bit for LCD (D2550)
Up to 1366 x 768@18-bit for LCD (N2600)
LCD Interface
Up to 24-bit dual-channel LVDS
I/O
Storage
PATA x1 (One device)
SATA 3.0Gb/s x 3
SATA SSD up to 16G (optional)
Serial Port
2
Parallel Port
1
USB
USB 2.0 x 6
PS/2 Port
Keyboard x 1, Mouse x 1
IrDA
One IrDa Tx/Rx Header
Audio
Mic-in, Line-in, Line-Out
Intel® Atom™ D2550/
Intel® Atom™ N2600
DDR3 1066 MHz
Intel® NM10


Similar Part No. - TF-XTX-CV-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-XTX-915-A10 AAEON-TF-XTX-915-A10 Datasheet
206Kb / 1P
   Intel Pentium M/ Celeron짰 M Processors
TF-XTX-915-A10-01 AAEON-TF-XTX-915-A10-01 Datasheet
206Kb / 1P
   Intel Pentium M/ Celeron짰 M Processors
TF-XTX-945GSE-A11 AAEON-TF-XTX-945GSE-A11 Datasheet
262Kb / 2P
   XTX CPU Module With Onboard Intel Atom N270 Processor
TF-XTX-945GSE-A11-01 AAEON-TF-XTX-945GSE-A11-01 Datasheet
262Kb / 2P
   XTX CPU Module With Onboard Intel Atom N270 Processor
TF-XTX-U15B-A10 AAEON-TF-XTX-U15B-A10 Datasheet
317Kb / 2P
   XTX CPU Module With Onboard Intel짰 Atom??Z530P/Z510P Processor
More results

Similar Description - TF-XTX-CV-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
XTX-945GSE AAEON-XTX-945GSE Datasheet
262Kb / 2P
   XTX CPU Module With Onboard Intel Atom N270 Processor
EPIC-CV07 AAEON-EPIC-CV07 Datasheet
282Kb / 2P
   EPIC Board With Onboard Intel Atom D2550/N2600 Processor
NANOCOM-CV AAEON-NANOCOM-CV Datasheet
259Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom N2600 Processor
XTX-U15B AAEON-XTX-U15B Datasheet
317Kb / 2P
   XTX CPU Module With Onboard Intel짰 Atom??Z530P/Z510P Processor
ETX-945GSE AAEON-ETX-945GSE Datasheet
294Kb / 2P
   ETX CPU Module with Onboard Intel Atom N270 Processor
NVR-CV AAEON-NVR-CV Datasheet
264Kb / 2P
   Standalone NVR System with Onboard Intel Atom D2550 Processor
logo
List of Unclassifed Man...
EMQ-I2506 ETC2-EMQ-I2506 Datasheet
458Kb / 3P
   Intel Atom N2600 Qseven??CPU Module
logo
AAEON Technology
GENE-CV05 AAEON-GENE-CV05 Datasheet
347Kb / 2P
   3.5 SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
HSB-CV1P AAEON-HSB-CV1P Datasheet
305Kb / 2P
   PCI Half-Size SBC With Intel Atom D2550/N2600 Processor
logo
List of Unclassifed Man...
EMETXE-I2503 ETC2-EMETXE-I2503 Datasheet
398Kb / 2P
   Intel Atom N2600/ D2550 COM Express Compact Type 2 CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com