Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF-RTC-700T-WBG-1110 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-RTC-700T-WBG-1110
Description  7??Rugged Tablet Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-RTC-700T-WBG-1110 Datasheet(HTML) 2 Page - AAEON Technology

  TF-RTC-700T-WBG-1110 Datasheet HTML 1Page - AAEON Technology TF-RTC-700T-WBG-1110 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Optional Accessories
TF-RTC-700T-WBG-1110
Rugged Table Computer, Intel® Atom™ Z670 1.5G, 7” TFT LCD, DC12V, PCT, 1GB RAM, 40GB mSATA,
Windows®7, WiFi/BT/GPS
TF-RTC-700T-WBGH-1110
Rugged Table Computer, Intel® Atom™ Z670 1.5G, 7” TFT LCD, DC12V, PCT, 1GB RAM, 40GB mSATA,
Windows®7, WiFi/BT/GPS/3G
3G Modem Module
Vehicle DC/DC Adapter
Barcode Scanner
USB OTG Cable
RTC-700T
Power Supply
AC/ DC Adapter
AC Power input: 100V-240V, 50Hz-60Hz, 12V/2A, 24W
DC Power output: 12V/ 2A
Battery
Li-Polymer high capacity battery (27Whr), 4~6 hours Battery Life
LCD
Display Type
7" 16:10 TFT LCD
Max. Resolution
1024 x 600
Max. Color
262K
Dot Size
0.150(V) x 0.150(H) mm
Luminance
400 cd/m2
View Angle
Horizontal 178° (Typical)
Vertical 178° (Typical)
Touch Screen
Type
Projected Capacitive Multi-Touch Panel
Light Transmission
≥87%
218
26
SCALE 0.250
09-4
Dimension
Unit: mm


Similar Part No. - TF-RTC-700T-WBG-1110

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-RTC-700A-TA-WBG-1110 AAEON-TF-RTC-700A-TA-WBG-1110 Datasheet
604Kb / 2P
   RISC-based 7??Rugged Tablet Computer
TF-RTC-700A-TA-WBG-2110 AAEON-TF-RTC-700A-TA-WBG-2110 Datasheet
604Kb / 2P
   RISC-based 7??Rugged Tablet Computer
TF-RTC-700A-TA-WBGH-1110 AAEON-TF-RTC-700A-TA-WBGH-1110 Datasheet
604Kb / 2P
   RISC-based 7??Rugged Tablet Computer
TF-RTC-700A-TS-WBG-1111 AAEON-TF-RTC-700A-TS-WBG-1111 Datasheet
604Kb / 2P
   RISC-based 7??Rugged Tablet Computer
More results

Similar Description - TF-RTC-700T-WBG-1110

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
RTC-700A AAEON-RTC-700A Datasheet
604Kb / 2P
   RISC-based 7??Rugged Tablet Computer
RTC-1000I AAEON-RTC-1000I Datasheet
464Kb / 2P
   10.2" Rugged Tablet Computer
RTC-1000A AAEON-RTC-1000A Datasheet
430Kb / 2P
   10.2" Rugged Tablet Computer
RTC-1000AS AAEON-RTC-1000AS Datasheet
459Kb / 2P
   10.2" Rugged Tablet Computer
RTC-1000D AAEON-RTC-1000D Datasheet
466Kb / 2P
   10.2" Rugged Tablet Computer
logo
Advantech Co., Ltd.
MARS-3100R ADVANTECH-MARS-3100R Datasheet
847Kb / 2P
   10.4 Fully Rugged Industrial Tablet PC
logo
NIHON DEMPA KOGYO
NZ2016SHB NDK-NZ2016SHB Datasheet
835Kb / 2P
   For Smartphone and Tablet computer etc
NZ2520SHB NDK-NZ2520SHB Datasheet
816Kb / 2P
   For Smartphone and Tablet computer etc.
logo
BCM Advanced Research.
OFT-07W03 BCM-OFT-07W03 Datasheet
323Kb / 2P
   7” Open Frame Tablet
logo
AAEON Technology
RTC-710RK AAEON-RTC-710RK Datasheet
596Kb / 2P
   7" Rugged Tablet ARM-based Android™ with 1.6 GHz Quad Core Processor
2022/12/07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com