Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH105RNP-0R8NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH105RNP-0R8NC
Description  Ferrite drum core construction.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH105RNP-0R8NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH105RNP-0R8NC Datasheet HTML 1Page - Sumida Corporation CDRH105RNP-0R8NC Datasheet HTML 2Page - Sumida Corporation CDRH105RNP-0R8NC Datasheet HTML 3Page - Sumida Corporation CDRH105RNP-0R8NC Datasheet HTML 4Page - Sumida Corporation CDRH105RNP-0R8NC Datasheet HTML 5Page - Sumida Corporation CDRH105RNP-0R8NC Datasheet HTML 6Page - Sumida Corporation CDRH105RNP-0R8NC Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 6
Revised: 5-Jun-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH105R
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H:10.5×10.3×5.1mm Max.
• Product weight: 1.8g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+100℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+100℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 12.9”diameter reel.
• 500pcs per reel.
Applications
• Ideally used in Notebook PC, LCD TV,DVD,
Game machine, STB ,Projector etc as DC-DC
converter inductors.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
(0.8
μH~22μH)
(27
μH~82μH)
(100
μH~1.0mH)
1.
6
7.
3
1.
6
3. 2
ELECTRODE
3.0±0.1
1.
0.
15
7.
0.
3
4.8±0.3
10
.2
±
0.
3
10.0±0.3
MAX.
13.5
1
2
2
1
2
1
1
2


Similar Part No. - CDRH105RNP-0R8NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH105RNP-0R8NC SUMIDA-CDRH105RNP-0R8NC Datasheet
212Kb / 6P
   SMD Power Inductor
More results

Similar Description - CDRH105RNP-0R8NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH4D22 SUMIDA-CDRH4D22_12 Datasheet
181Kb / 6P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
   Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
   Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
   Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
   Ferrite drum core construction
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com