Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1895YRSRL Datasheet(PDF) 10 Page - Analog Devices

Part # AD1895YRSRL
Description  192 kHz Stereo Asynchronous Sample Rate Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1895YRSRL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1895YRSRL Datasheet HTML 6Page - Analog Devices AD1895YRSRL Datasheet HTML 7Page - Analog Devices AD1895YRSRL Datasheet HTML 8Page - Analog Devices AD1895YRSRL Datasheet HTML 9Page - Analog Devices AD1895YRSRL Datasheet HTML 10Page - Analog Devices AD1895YRSRL Datasheet HTML 11Page - Analog Devices AD1895YRSRL Datasheet HTML 12Page - Analog Devices AD1895YRSRL Datasheet HTML 13Page - Analog Devices AD1895YRSRL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. B
AD1895
–10–
FREQUENCY – kHz
–200
–180
–160
–140
–120
–100
–80
–60
010
20
30
40
5060708090
–40
–20
0
TPC 19. Wideband FFT Plot (16 k Points) 192 kHz: 192 kHz,
0 dBFS 80 kHz Tone
FREQUENCY – kHz
–200
–180
–160
–140
–120
–100
–80
–60
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
–40
–20
0
TPC 20. Wideband FFT Plot (16 k Points) 48 kHz: 48 kHz,
0 dBFS 20 kHz Tone
FREQUENCY – kHz
–200
0
2.5
5.0
7.5
10.0
–180
–160
–140
–120
–100
–80
–60
12.5
15.0
17.5
20.0
–40
–20
0
TPC 21. Wideband FFT Plot (16 k Points) 48 kHz: 44:1 kHz,
0 dBFS 20 kHz Tone
FREQUENCY – kHz
–200
–180
–160
–140
–120
–100
–80
–60
05
10
15
20
25
30
35
40
45
–40
–20
0
TPC 22. Wideband FFT Plot (16 k Points) 48 kHz: 96 kHz,
0 dBFS 20 kHz Tone
FREQUENCY – kHz
–200
–180
–160
–140
–120
–100
–80
–60
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
–40
–20
0
TPC 23. Wideband FFT Plot (16 k Points) 96 kHz: 48 kHz,
0 dBFS 20 kHz Tone
OUTPUT SAMPLE RATE – Hz
30000
–135
48000
66000
102000
138000
–133
–131
–129
–127
–125
–123
–121
–119
84000
120000
156000
174000
192000
TPC 24. THD + N vs. Output Sample Rate, fS_IN = 192 kHz,
0 dBFS 1 kHz Tone


Similar Part No. - AD1895YRSRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results

Similar Description - AD1895YRSRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com