Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1893JN Datasheet(PDF) 5 Page - Analog Devices

Part # AD1893JN
Description  Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1893JN Datasheet(HTML) 5 Page - Analog Devices

  AD1893JN Datasheet HTML 1Page - Analog Devices AD1893JN Datasheet HTML 2Page - Analog Devices AD1893JN Datasheet HTML 3Page - Analog Devices AD1893JN Datasheet HTML 4Page - Analog Devices AD1893JN Datasheet HTML 5Page - Analog Devices AD1893JN Datasheet HTML 6Page - Analog Devices AD1893JN Datasheet HTML 7Page - Analog Devices AD1893JN Datasheet HTML 8Page - Analog Devices AD1893JN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD1893
REV. A
–5–
AD1893 PIN LIST
Serial Input Interface
Pin Name DIP
LQFP I/O
Description
DATA_I
3
43
I
Serial input, MSB first, containing two channels of 4 to 16 bits of twos-complement data per
channel.
BCLK_I
4
2
I
Bit clock input for input data. Need not run continuously; may be gated or used in a burst fashion.
WCLK_I
5
3
I
Word clock input for input data. This input is rising edge sensitive. (Not required in LR input
data clock triggered modes.)
LR_I
6
4
I
Left/right clock input for input data. Must run continuously.
Serial Output Interface
Pin Name DIP
LQFP I/O
Description
DATA_O
23
30
O
Serial output, MSB first, containing two channels of 4- to 24-bits of twos-complement data per
channel.
BCLK_O
26
35
I
Bit clock input for output data. Need not run continuously; may be gated or used in a burst
fashion.
WCLK_O
25
32
I
Word clock input for output data. This input is rising edge sensitive. (Not required in LR output
data clock triggered modes.)
LR_O
24
31
I
Left/right clock input for output data. Must run continuously.
Input Control Signals
Pin Name DIP
LQFP
I/O Description
BKPOL_I
10
9
I
Bit clock polarity. LO: Normal mode. Input data is sampled on rising edges of BCLK_I. HI:
Inverted mode. Input data is sampled on falling edges of BCLK_I.
MODE0_I 11
10
I
Serial mode zero control for input port.
MODE1_I 12
13
I
Serial mode one control for input port.
MODE0_I
MODE1_I
0
0
Left-justified, no MSB delay, LR_I clock triggered.
0
1
Left-justified, MSB delay, LR_I clock triggered.
1
0
Right-justified, MSB delayed 16 bit clock periods from LR_I transition.
1
1
WCLK_I triggered, no MSB delay.
PIN CONFIGURATIONS
DIP
1
2
3
7
8
9
10
11
12
4
5
6
13
14
28
27
26
22
21
20
19
18
17
25
24
23
16
15
SERIAL IN
SERIAL OUT
COEF ROM
MULT
FIFO
CLOCK
TRACKING
ACCUM
XTAL_I
DATA_I
BCLK_I
WCLK_I
VDD
GND
NC
BKPOL_I
MODE0_I
MODE1_I
GND
RESET
L
R_I
SETSLW
PWRDWN
BCLK_O
WCLK_O
DATA_O
VDD
GND
NC
BKPOL_O
MODE0_O
MODE1_O
MUTE_O
MUTE_I
L
R_O
AD1893
NC = NO CONNECT
XTAL_O
LQFP
NC = NO CONNECT
NC
WCLK_O
NC
VDD
GND
DATA_O
NC
BCLK_I
NC
VDD
GND
WCLK_I
BKPOL_O
MODE0_O
NC
NC
BKPOL_I
MODE0_I
NC
NC
44
39 38
33
40
41
42
28
27
26
43
31
30
29
32
AD1893
25
24
23
21 22
18
20
19
12 13
15 16 17
14
1
2
6
4
5
3
7
8
11
9
10
36
35 34
37
L
R_I
L
R_O
SERIAL IN
MULT
FIFO
ACCUM
CLOCK
TRACKING
SERIAL OUT
COEF ROM


Similar Part No. - AD1893JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1893 AD-AD1893_15 Datasheet
220Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
More results

Similar Description - AD1893JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1893 AD-AD1893_15 Datasheet
220Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com