Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMF3R5R5L334M3DTA0 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # DMF3R5R5L334M3DTA0
Description  High Performance Electrical Double-Layer Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMF3R5R5L334M3DTA0 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  DMF3R5R5L334M3DTA0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMF3R5R5L334M3DTA0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMF3R5R5L334M3DTA0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMF3R5R5L334M3DTA0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DMF3R5R5L334M3DTA0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DMF3R5R5L334M3DTA0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DMF3R5R5L334M3DTA0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DMF3R5R5L334M3DTA0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DMF3R5R5L334M3DTA0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
High Performance Electrical Double-Layer Capacitors
4
Performance and Validation Method
Item
Validation Method
Specification
Operating Temperature
-30°C to +70°C
Nominal Capacitance
Discharge method
1. Charge capacitor for 30min at rated peak voltage 5.5V.
2. Then discharge
Voltage (V)
Rated
Voltage
V1
V2
T2
T1
Time (sec)
30 min
V1: 80% of rated peak voltage
V2: 40% of rated peak voltage
T1: Time with voltage V1
T2: Time with voltage V2
Discharge current: 100mA
V1-V2
I x(T1-T2)
C=
R
C
Max
voltage
A
V
Please refer to Lineup list
ESR
Impedance Method
Measured at AC1kHz
Current: 10mA - 200mA
Please refer to Lineup list
Leakage Current @96hrs
Less than or equal to 10uA at 96hrs.
Temperature Characteristics
ESR: -30°C to +70°C
Temperature characteristics
ESR@1kHz
Capacitance
70°C ±30%
±10%
40°C ±15%
±10%
25°C –
0°C +40% or less
±10%
-20°C +80% or less
±10%
-30°C +100% or less
±10%
Charge-Discharge Cycle Test
Charge voltage: 5.5V
Charge: 0.5A
Discharge: 5A 67msec
Test Temperature: 70°C ±2°C
Cycle number: 20,000 times
Capacitance change:
• Under 80% of initial value
ESR change (@1kHz):
• Under 130% of initial value
High Temperature Loading
70°C+2°C/-0°C
1000 hrs+24hrs/-0hrs
Applying hold voltage
ESR @1kHz: Under 130% of initial value
Capacitance change: Over 70% of initial value


Similar Part No. - DMF3R5R5L334M3DTA0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMF3062 ETC-DMF3062 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
DMF3064 ETC-DMF3064 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
DMF3065 ETC-DMF3065 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
DMF3070 ETC-DMF3070 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
DMF3071 ETC-DMF3071 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
More results

Similar Description - DMF3R5R5L334M3DTA0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
logo
Murata Manufacturing Co...
DMT334R2S474M3DTA0 MURATA-DMT334R2S474M3DTA0 Datasheet
380Kb / 16P
   Electrical Double Layer Capacitor
JECXDE-0016 MURATA-JECXDE-0016 Datasheet
334Kb / 16P
   Electrical Double Layer Capacitor
logo
List of Unclassifed Man...
DVS-SERIES ETC2-DVS-SERIES Datasheet
166Kb / 2P
   Electrical Double Layer Capacitor
logo
Murata Manufacturing Co...
JECXDE-0015 MURATA-JECXDE-0015 Datasheet
441Kb / 16P
   Electrical Double Layer Capacitor
logo
List of Unclassifed Man...
DVLSERIES ETC2-DVLSERIES Datasheet
177Kb / 2P
   Electrical Double Layer Capacitor
logo
Vishay Siliconix
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
225EDLC-R VISHAY-225EDLC-R_V01 Datasheet
109Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
01-Jan-2023
225EDLC-R VISHAY-225EDLC-R Datasheet
119Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com