Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH2D11NP-4R7N Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH2D11NP-4R7N
Description  Magnetically shielded construction.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D11NP-4R7N Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH2D11NP-4R7N Datasheet HTML 1Page - Sumida Corporation CDRH2D11NP-4R7N Datasheet HTML 2Page - Sumida Corporation CDRH2D11NP-4R7N Datasheet HTML 3Page - Sumida Corporation CDRH2D11NP-4R7N Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH2D11, CDRH2D11/HP, CDRH2D11B, ,CDRH2D11B/HP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
Product Description
·3.2×3.2mm Max.(L×W),1.2mm Max. Height.
·Inductance Range: 1.5~10μH (CDRH2D11; CDRH2D11/HP);
1.0
~22μH (CDRH2D11B). 1.0~10μH (CDRH2D11B/HP)
·Rated current range: 0.35~0.90A (CDRH2D11) ; 0.52~1.35A (CDRH2D11/HP);
0.35
~1.5A (CDRH2D11B). 0.52~1.75A (CDRH2D11B/HP)
·Custom design is available.
Feature
·Magnetically shielded construction.
·Ideally used in Mobilephone,PDA,MP3,DSC/DVC,Portable DVD, etc as DC-DC Converter.
·RoHS Compliance.
Dimensions (mm)
※ 1 Not including terminal dimension
Land Pattern (mm)
2
1.0
±
0.1
φ
2.
1
Electrode
2
3.
0.
2
1.2 Max.
(1.1)
1
3.
0
±
0.
2
※1 3.0 ±0.2
4.
5
Ma
x.
4.3
1.
3
1.3
1.7


Similar Part No. - CDRH2D11NP-4R7N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH2D11NP-4R7NB SUMIDA-CDRH2D11NP-4R7NB Datasheet
207Kb / 2P
   Power Inductors
CDRH2D11NP-4R7NC SUMIDA-CDRH2D11NP-4R7NC Datasheet
207Kb / 2P
   Power Inductors
CDRH2D11NP-4R7NC SUMIDA-CDRH2D11NP-4R7NC Datasheet
170Kb / 2P
   SMD Power Inductor
More results

Similar Description - CDRH2D11NP-4R7N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
   Magnetically shielded construction
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
   Magnetically shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
   Ferrite core construction, Magnetically shielded
logo
List of Unclassifed Man...
SCRH6D28 ETC2-SCRH6D28 Datasheet
227Kb / 1P
   Magnetically shielded construction, Excellent Power Density
logo
Bel Fuse Inc.
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com