Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTW28DD14ET Datasheet(PDF) 8 Page - NXP Semiconductors

Part # CBTW28DD14ET
Description  14-bit bus switch/multiplexer for DDR2-DDR3 applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTW28DD14ET Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CBTW28DD14ET Datasheet HTML 4Page - NXP Semiconductors CBTW28DD14ET Datasheet HTML 5Page - NXP Semiconductors CBTW28DD14ET Datasheet HTML 6Page - NXP Semiconductors CBTW28DD14ET Datasheet HTML 7Page - NXP Semiconductors CBTW28DD14ET Datasheet HTML 8Page - NXP Semiconductors CBTW28DD14ET Datasheet HTML 9Page - NXP Semiconductors CBTW28DD14ET Datasheet HTML 10Page - NXP Semiconductors CBTW28DD14ET Datasheet HTML 11Page - NXP Semiconductors CBTW28DD14ET Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CBTW28DD14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 26 July 2012
8 of 13
NXP Semiconductors
CBTW28DD14
14-bit bus switch/multiplexer for DDR2-DDR3 applications
13.4 Reflow soldering
Key characteristics in reflow soldering are:
Lead-free versus SnPb soldering; note that a lead-free reflow process usually leads to
higher minimum peak temperatures (see Figure 5) than a SnPb process, thus
reducing the process window
Solder paste printing issues including smearing, release, and adjusting the process
window for a mix of large and small components on one board
Reflow temperature profile; this profile includes preheat, reflow (in which the board is
heated to the peak temperature) and cooling down. It is imperative that the peak
temperature is high enough for the solder to make reliable solder joints (a solder paste
characteristic). In addition, the peak temperature must be low enough that the
packages and/or boards are not damaged. The peak temperature of the package
depends on package thickness and volume and is classified in accordance with
Table 8 and 9
Moisture sensitivity precautions, as indicated on the packing, must be respected at all
times.
Studies have shown that small packages reach higher temperatures during reflow
soldering, see Figure 5.
Table 8.
SnPb eutectic process (from J-STD-020C)
Package thickness (mm)
Package reflow temperature (
C)
Volume (mm3)
< 350
 350
< 2.5
235
220
 2.5
220
220
Table 9.
Lead-free process (from J-STD-020C)
Package thickness (mm)
Package reflow temperature (
C)
Volume (mm3)
< 350
350 to 2000
> 2000
< 1.6
260
260
260
1.6 to 2.5
260
250
245
> 2.5
250
245
245


Similar Part No. - CBTW28DD14ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTW28DD14ET PHILIPS-CBTW28DD14ET Datasheet
109Kb / 13P
   14-bit bus switch/multiplexer for DDR2/DDR3/DDR4 applications
Rev. 5-28 May 2014
CBTW28DD14ET118 PHILIPS-CBTW28DD14ET118 Datasheet
109Kb / 13P
   14-bit bus switch/multiplexer for DDR2/DDR3/DDR4 applications
Rev. 5-28 May 2014
More results

Similar Description - CBTW28DD14ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTW28DD14ET118 PHILIPS-CBTW28DD14ET118 Datasheet
109Kb / 13P
   14-bit bus switch/multiplexer for DDR2/DDR3/DDR4 applications
Rev. 5-28 May 2014
CBTV24DD12A NXP-CBTV24DD12A Datasheet
727Kb / 21P
   12-bit bus switch/multiplexer for DDR4-DDR3-DDR2 applications
Rev. 2 ??15 November 2017
logo
Texas Instruments
TS3DDR4000 TI1-TS3DDR4000 Datasheet
697Kb / 25P
[Old version datasheet]   12-bits 1:2 High Speed DDR2/DDR3/DDR4 Switch/Multiplexer
logo
Integrated Device Techn...
IDT74SSTUBF32869A IDT-IDT74SSTUBF32869A Datasheet
505Kb / 22P
   14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32S869B RENESAS-ICSSSTUB32S869B Datasheet
941Kb / 18P
   14-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUAF32869A RENESAS-ICSSSTUAF32869A Datasheet
693Kb / 21P
   14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
logo
Integrated Circuit Syst...
ICSSSTUA32S869B ICST-ICSSSTUA32S869B Datasheet
290Kb / 18P
   14-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
ICSSSTUAF32869A IDT-ICSSSTUAF32869A Datasheet
498Kb / 21P
   14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com