Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTL12131ET Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBTL12131ET
Description  DisplayPort multiplexer for bidirectional video in all-in-one computer systems
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL12131ET Datasheet(HTML) 3 Page - NXP Semiconductors

  CBTL12131ET Datasheet HTML 1Page - NXP Semiconductors CBTL12131ET Datasheet HTML 2Page - NXP Semiconductors CBTL12131ET Datasheet HTML 3Page - NXP Semiconductors CBTL12131ET Datasheet HTML 4Page - NXP Semiconductors CBTL12131ET Datasheet HTML 5Page - NXP Semiconductors CBTL12131ET Datasheet HTML 6Page - NXP Semiconductors CBTL12131ET Datasheet HTML 7Page - NXP Semiconductors CBTL12131ET Datasheet HTML 8Page - NXP Semiconductors CBTL12131ET Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
CBTL12131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2011
3 of 28
NXP Semiconductors
CBTL12131
DisplayPort multiplexer for bidirectional video
Integrated high-ohmic pull-down (4.7 M
Ω) and switchable 100 kΩ and 500 kΩ
resistors for Port B AUX bias control
2.5 Equalizer
Programmable equalizer for channel loss compensation from Port B to Port D
(external source mode)
Five levels of input equalization (including flat)
Two levels of output pre-emphasis (including flat)
Two output voltage swing levels
Three quinary input control pins allow equalization, pre-emphasis and output voltage
swing selection by simple board strapping
2.6 General
Power supply 3.3 V
± 10 %
Low active mode supply current of 30 mA typical (Dual-through mode)
Active mode supply current of 120 mA typical (External source mode, EQ = on)
ESD resilience to 4 kV HBM, 1 kV CDM
Available in TFBGA64 6 mm
× 6 mm package
3.
Typical system configuration
4.
Ordering information
Fig 1.
CBTL12131 in typical system configuration
002aae673
INTERNAL
DISPLAY
PANEL
(sink)
DP or ++DP
EXTERNAL
DISPLAY
(sink)
DP
NOTEBOOK
(source)
GPU2
SECONDARY
VIDEO
(source)
GPU1
PRIMARY
VIDEO
(source)
DP
CONNECTOR
DisplayPort
eDP
CONNECTOR
DisplayPort
PORT D
PORT B
CBTL12131
PORT C
PORT A
dual
through mode
dual
through mode
external
source mode
DisplayPort
DisplayPort
Table 1.
Ordering information
Type number
Package
Name
Description
Version
CBTL12131ET
TFBGA64
plastic thin fine-pitch ball grid array package; 64 balls; body 6
× 6 × 0.8 mm
SOT543-1


Similar Part No. - CBTL12131ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL01023 NXP-CBTL01023 Datasheet
105Kb / 14P
   3.3 V, one differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1 ??24 October 2011
CBTL01023GM NXP-CBTL01023GM Datasheet
105Kb / 14P
   3.3 V, one differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1 ??24 October 2011
CBTL02042A NXP-CBTL02042A Datasheet
336Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
CBTL02042ABQ NXP-CBTL02042ABQ Datasheet
336Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
CBTL02042B NXP-CBTL02042B Datasheet
336Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
More results

Similar Description - CBTL12131ET

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USC-360 ADVANTECH-USC-360 Datasheet
1Mb / 3P
   15.6" Ultra-Slim, All-in-One Computer
1-Aug-2023
USC-160 ADVANTECH-USC-160 Datasheet
799Kb / 3P
   15.6" ARM Based Android All-in-One Computer
6-Jul-2023
ARK-7480 ADVANTECH-ARK-7480 Datasheet
238Kb / 2P
   All-In-One, High Performance Embedded Box computer
USC-130 ADVANTECH-USC-130 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
   All-in-One GNSS
PCM5862E ETC-PCM5862E Datasheet
597Kb / 108P
   All in one multi-media Pentium processor-based single board computer
logo
Tripp Lite. All Rights ...
P169-000-KPA-BK TRIPPLITE-P169-000-KPA-BK Datasheet
172Kb / 2P
   Mini DisplayPort to DisplayPort All-in-One Keystone/Panel Mount Angled Adapter (F/F), Black
logo
EPCOS
B72500D90A60 EPCOS-B72500D90A60 Datasheet
510Kb / 22P
   Bidirectional ESD protection in one component
logo
RENCO ELECTRONICS, INC.
RL-2260 RENCO-RL-2260 Datasheet
1Mb / 3P
   ALL IN ONE??POWER TRANSFORMERS
logo
New Scale Technologies,...
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
   All-In-One Motion Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com