Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTL04083A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # CBTL04083A
Description  CBTL04083A/B is a 4 differential channel, 2-to-1 multiplexer/demultiplexer switch for PCI Express Generation 3 (Gen3) applications.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL04083A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CBTL04083A Datasheet HTML 6Page - NXP Semiconductors CBTL04083A Datasheet HTML 7Page - NXP Semiconductors CBTL04083A Datasheet HTML 8Page - NXP Semiconductors CBTL04083A Datasheet HTML 9Page - NXP Semiconductors CBTL04083A Datasheet HTML 10Page - NXP Semiconductors CBTL04083A Datasheet HTML 11Page - NXP Semiconductors CBTL04083A Datasheet HTML 12Page - NXP Semiconductors CBTL04083A Datasheet HTML 13Page - NXP Semiconductors CBTL04083A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
CBTL04083A_CBTL04083B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 25 June 2012
10 of 19
NXP Semiconductors
CBTL04083A; CBTL04083B
3.3 V, 4 differential channel, 2 : 1 MUX/deMUX switch for PCIe Gen3
Output 1 is for an output with internal conditions such that the output is LOW except when disabled
by the output control.
Output 2 is for an output with internal conditions such that the output is HIGH except when disabled
by the output control.
The outputs are measured one at a time with one transition per measurement.
Fig 4.
Voltage waveforms for enable and disable times
002aag013
VDD
tPLZ
0.5VDD
0.5VDD
SEL
output 1
tPZL
VOL
0 V
0.85VOH
VOH
0.25VOH
output 2
tPZH
tPHZ
VOL
VOH
0.85VOH
0.25VOH


Similar Part No. - CBTL04083A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL04082A NXP-CBTL04082A Datasheet
175Kb / 19P
   CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Rev. 1-28 February 2011
CBTL04082ABS NXP-CBTL04082ABS Datasheet
175Kb / 19P
   CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Rev. 1-28 February 2011
CBTL04082BBS NXP-CBTL04082BBS Datasheet
175Kb / 19P
   CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Rev. 1-28 February 2011
More results

Similar Description - CBTL04083A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL02043A NXP-CBTL02043A Datasheet
211Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
CBTL04082A NXP-CBTL04082A Datasheet
175Kb / 19P
   CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Rev. 1-28 February 2011
CBTL01023 NXP-CBTL01023 Datasheet
105Kb / 14P
   3.3 V, one differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1 ??24 October 2011
logo
ON Semiconductor
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
   4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
logo
NXP Semiconductors
CBTL02042A NXP-CBTL02042A Datasheet
336Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
logo
Texas Instruments
TS2PCIE412 TI1-TS2PCIE412 Datasheet
570Kb / 17P
[Old version datasheet]   4-CHANNEL 8:16 MULTIPLEXER/DEMULTIPLEXER PCI EXPRESS SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
   PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
   PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
   PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
   PCI Express Gen3 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com