Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4077-2-ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4077-2-ARMZ
Description  The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-2-ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4077-2-ARMZ Datasheet HTML 6Page - Analog Devices ADA4077-2-ARMZ Datasheet HTML 7Page - Analog Devices ADA4077-2-ARMZ Datasheet HTML 8Page - Analog Devices ADA4077-2-ARMZ Datasheet HTML 9Page - Analog Devices ADA4077-2-ARMZ Datasheet HTML 10Page - Analog Devices ADA4077-2-ARMZ Datasheet HTML 11Page - Analog Devices ADA4077-2-ARMZ Datasheet HTML 12Page - Analog Devices ADA4077-2-ARMZ Datasheet HTML 13Page - Analog Devices ADA4077-2-ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4077-2
Data Sheet
Rev. 0 | Page 10 of 20
Figure 24. Output Dropout Voltage vs. Load
Figure 25. Open-Loop Gain and Phase vs. Frequency
Figure 26. Output Voltage Swing vs. Temperature
Figure 27. Output Dropout Voltage vs. Load
Figure 28. Open-Loop Gain and Phase vs. Frequency
Figure 29. Output Voltage Swing vs. Temperature
1200
600
0.001
10
LOAD CURRENT (mA)
800
1000
0.01
0.1
1
VSY = ±5V
120
90
60
30
0
–30
135
90
45
0
–45
–90
10k
10M
1M
100k
FREQUENCY (Hz)
VSY = ±5V
RL = 2k
CL = 100pF
PHASE
GAIN
–6
–4
–2
0
2
4
6
–50
0
50
100
–25
25
TEMPERATURE (°C)
75
125
VOH
VOL
VSY = ±5V
1200
600
0.001
10
LOAD CURRENT (mA)
800
1000
0.01
0.1
1
VSY = ±15V
120
90
60
30
0
–30
135
90
45
0
–45
–90
10k
10M
1M
100k
FREQUENCY (Hz)
VSY = ±15V
RL = 2kΩ
CL = 100pF
PHASE
GAIN
–50
0
50
1
–25
25
TEMPERATURE (°C)
75
125
VOH
VOL
13.2
13.4
13.6
13.8
14.0
14.2
14.4
VSY = ±15V


Similar Part No. - ADA4077-2-ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4077-2 AD-ADA4077-2 Datasheet
744Kb / 25P
   4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
ADA4077-2ARMZ AD-ADA4077-2ARMZ Datasheet
744Kb / 25P
   4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
ADA4077-2ARMZ-R7 AD-ADA4077-2ARMZ-R7 Datasheet
744Kb / 25P
   4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
ADA4077-2ARMZ-RL AD-ADA4077-2ARMZ-RL Datasheet
744Kb / 25P
   4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
ADA4077-2ARZ AD-ADA4077-2ARZ Datasheet
744Kb / 25P
   4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
More results

Similar Description - ADA4077-2-ARMZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1249 ONSEMI-NCP1249 Datasheet
1Mb / 31P
   High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Extremely Low Stand-by Power Consumption
June, 2013 ??Rev. 0
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
NJU7094 NJRC-NJU7094 Datasheet
288Kb / 9P
   LOW-POWER AND LOW-OFFSET-VOLTAGE DUAL C-MOS OPERATIONAL AMPLIFIER?
logo
Texas Instruments
LF412-N-MIL TI1-LF412-N-MIL Datasheet
3Mb / 22P
[Old version datasheet]   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Richtek Technology Corp...
RT9167B RICHTEK-RT9167B Datasheet
206Kb / 10P
   The RT9167B is a 300mA low dropout and low noise
logo
STMicroelectronics
STPMS2 STMICROELECTRONICS-STPMS2 Datasheet
1Mb / 36P
   Programmable chopper-stabilized low noise and low offset amplifier
March 2016 Rev 5
logo
Maxim Integrated Produc...
MAX44242 MAXIM-MAX44242_V01 Datasheet
994Kb / 11P
   20V, Low Input Bias-Current, Low-Noise, Dual Op Amplifier
2022
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com