Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV71081E Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV71081E
Description  For Video/Audio Signal Input/ Output Interface of DVD Recorder
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV71081E Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV71081E Datasheet HTML 1Page - Sanyo Semicon Device LV71081E Datasheet HTML 2Page - Sanyo Semicon Device LV71081E Datasheet HTML 3Page - Sanyo Semicon Device LV71081E Datasheet HTML 4Page - Sanyo Semicon Device LV71081E Datasheet HTML 5Page - Sanyo Semicon Device LV71081E Datasheet HTML 6Page - Sanyo Semicon Device LV71081E Datasheet HTML 7Page - Sanyo Semicon Device LV71081E Datasheet HTML 8Page - Sanyo Semicon Device LV71081E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LV71081E
No.A1610-5/31
Continued from preceding page.
Input signal
Out
Ratings
Parameter
Symbol
Point
Signal
Freq
Point
Test condition
min
typ
max
Unit
Output noise voltage
VNAI
78
79
AMP = 5.5dB, EVR = -12dB
Rg = 0
Ω, BW = JIS-A
-100
-80
dBV
Cross talk between channel
and selctors
CTVR
78
79
VIN = 2Vrms, f = 1kHz,
AMP = 5.5dB, EVR = -12dB
Rg = 0
Ω, BW = JIS-A
-110
-80
dB
Max attenuation amount
VMUAI
78
79
VIN = 2Vrms, f = 1kHz,
AMP = 5.5dB, BW = JIS-A
EVR = mute/EVR = 0dB
-106
-85
dB
Residual noise voltage
VNAR
78
79
AMP = 5.5dB, EVR = mute
Rg = 0
Ω, BW = JIS-A
-106
-80
dBV
External control part
I
2C-BUS High level input
voltage
VIH
88
89
2.5
VCC
V
I
2C-BUS Low level input
voltage
VIL
88
89
GND
0.8
V
FSS output H voltage
VHFSS
27
Serial control select FSS OUT
H, load = 10k
Ω
external output resistor 470
recommended
10.6
11.1
11.6
V
FSS output M voltage
VMFSS
27
Serial control select FSS OUT
M, load = 10k
Ω
external output resistor 470
recommended
5.5
6.3
7.0
V
FSS output L voltage
VLFSS
27
Serial control select FSS OUT,
load = 10k
Ω
0.0
0.1
0.5
V
FSS risinge time
TFSSLH
27
1.0
ms
FB output H voltage
VHFB
34
Serial control select FB OUT
H. load = 150
Ω
3.0
4.0
5.0
V
FB output L voltage
VLFB
34
Serial control select FB OUT L.
load = 150
Ω
0.0
0.2
0.4
V
FB external control L range
VLFBIN
32
Pin 32 input voltage range at
which the pin 34 output
becomes L
0.0
0.5
V
FB external control H range
VHFBIN
32
Pin 32 input voltage range
when the pin 34 output
becomes H
1.0
3.0
V
External control output H
voltage
VEXTH
10
36
38
2k
Ω load for data 1
4.0
4.5
5.0
V
External control output L
voltage
VEXTL
10
36
38
2k
Ω load for data 0
0.0
0.3
1.0
V
Internal reference regulator
REG2.5V
VREG25
2
100
Pins 2 and 100 voltage
2.3
2.5
2.7
V
REG9.0V
VREG90
57
65
Pins 57 and 65 voltage
8.7
9.0
9.3
V
VRE4.5
VREG45
49
Pin 49 voltage
4.3
4.5
4.7
V


Similar Part No. - LV71081E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E Datasheet
387Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
logo
ON Semiconductor
LV71081E ONSEMI-LV71081E Datasheet
376Kb / 31P
   Video/Audio Signal IO Interface
July, 2013
More results

Similar Description - LV71081E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E Datasheet
387Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
LV7107M SANYO-LV7107M Datasheet
916Kb / 35P
   Bi-CMOS IC For Video/Audio Signal Input/ Output Interface of DVD Recorder
LA73031V SANYO-LA73031V Datasheet
371Kb / 10P
   For DVD Recorder Video Signal Input Switch
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
BD3823FV ROHM-BD3823FV Datasheet
184Kb / 6P
   Audio I/O interface for DVD recorder
BH7625KS2 ROHM-BH7625KS2 Datasheet
414Kb / 6P
   Input switching interface LSI for the DVD recorder
BD3825FS ROHM-BD3825FS Datasheet
200Kb / 6P
   Audio Switch IC for DVD Recorder
logo
Panasonic Semiconductor
DMR-ES10EB PANASONIC-DMR-ES10EB Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
logo
Rohm
BH7602FS ROHM-BH7602FS Datasheet
306Kb / 6P
   Wide Bandwidth video Driver for DVD recorder
logo
STMicroelectronics
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
   Audio/Video Output Buffers for STB and DVD Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com