Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV25400W Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV25400W
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV25400W Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV25400W Datasheet HTML 1Page - Sanyo Semicon Device LV25400W Datasheet HTML 2Page - Sanyo Semicon Device LV25400W Datasheet HTML 3Page - Sanyo Semicon Device LV25400W Datasheet HTML 4Page - Sanyo Semicon Device LV25400W Datasheet HTML 5Page - Sanyo Semicon Device LV25400W Datasheet HTML 6Page - Sanyo Semicon Device LV25400W Datasheet HTML 7Page - Sanyo Semicon Device LV25400W Datasheet HTML 8Page - Sanyo Semicon Device LV25400W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LV25400W
No.A0633-2/42
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC 8V
OSC_VCC (2), FE_VCC (58)
8.0
V
Recommended supply voltage
VCC 5V
XTAL_VCC (13), VCCD (22), VCCA (40)
5
V
VCC 8Vop
7.5 to 8.5
V
Operating supply voltage range
VCC 5Vop
4.5 to 5.5
V
CCB bus high-level input voltage
VIH
CE, DI, CL
2.5 to 5.0
V
CCB bus low-level input voltage
VIL
CE, DI, CL
0 to 0.8
V
CCB bus high-level input current
IIH
CE, DI, CL ; VI5.5V
10 or less
µA
CCB bus low-level input current
IIL
CE, DI, CL ; VI0V
10 or less
µA
DO low-level output voltage
VOL
0.38 or less
V
DO high-level output voltage
VOH
Connected to an LC75040.
2.1 or more
V
Reception Frequencies
Parameter
Symbol
Conditions
Frequency ratings
Unit
FM reception frequencies
fFM
JPN, US, EUR
76 to 108.1
MHz
FM weather band reception
frequencies
fFM-WB
162.4 to 162.55
MHz
fAMLW
LW
144 to 288
kHz
fAMMW
MW
520 to 1710
kHz
AM reception frequencies
fAMSW
SW
2.94 to 22.0
MHz


Similar Part No. - LV25400W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25400W SANYO-LV25400W Datasheet
391Kb / 42P
   Bi-CMOS LSI DSP Tuner Front End for Automotive Applications
LV25400W SANYO-LV25400W Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25400W_0712 SANYO-LV25400W_0712 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
More results

Similar Description - LV25400W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25400W_0712 SANYO-LV25400W_0712 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25450PNW SANYO-LV25450PNW Datasheet
1Mb / 40P
   For Automotive Applications DSP Tuner Front End
LV25400W SANYO-LV25400W Datasheet
391Kb / 42P
   Bi-CMOS LSI DSP Tuner Front End for Automotive Applications
logo
NXP Semiconductors
TEF6700HL PHILIPS-TEF6700HL Datasheet
305Kb / 56P
   Car radio tuner front-end for digital IF
2003 Oct 21
TEF6701HL PHILIPS-TEF6701HL Datasheet
318Kb / 55P
   Car radio tuner front-end for digital IF
Rev. 01-16 November 2004
TEF6721HL PHILIPS-TEF6721HL Datasheet
235Kb / 45P
   Car radio tuner front-end for digital IF
Rev. 03-19 July 2005
logo
Murata Manufacturing Co...
SF1186G MURATA-SF1186G Datasheet
868Kb / 6P
   Designed for Front End GPS Applications
SF1186B-2 MURATA-SF1186B-2 Datasheet
417Kb / 7P
   Designed for Front-end GPS Applications
logo
Texas Instruments
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
[Old version datasheet]   Analog Front End for Ultrasonic Applications
logo
Murata Manufacturing Co...
SF2217K MURATA-SF2217K Datasheet
475Kb / 5P
   Designed for RF Front-end Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com