Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV25200M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV25200M
Description  Single chip Tuner IC for Car Radio
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV25200M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV25200M Datasheet HTML 1Page - Sanyo Semicon Device LV25200M Datasheet HTML 2Page - Sanyo Semicon Device LV25200M Datasheet HTML 3Page - Sanyo Semicon Device LV25200M Datasheet HTML 4Page - Sanyo Semicon Device LV25200M Datasheet HTML 5Page - Sanyo Semicon Device LV25200M Datasheet HTML 6Page - Sanyo Semicon Device LV25200M Datasheet HTML 7Page - Sanyo Semicon Device LV25200M Datasheet HTML 8Page - Sanyo Semicon Device LV25200M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
LV25200M
No.A0976-3/45
AC Characteristics
Operating Characteristics at Ta=25
°C, VCC=8.0V, VDD=5.0V
with the designated measuring circuit outside standard.
Except that this measurement was made with the IC socket [Yamaichi Denki Kogyo Co., Ltd. IC51-0644-807].
Audio filter: IHF BPF used
[FM characteristics] FM FE MIX input (NO-Dummy)
CCB Command
Parameter
Symbol
Conditions
min
typ
max
Unit
1-1 Current drain -8V
Icco-8V
No input FM mode
I5+I66+I75+I76+I77
19
37
25
25
25
25
25
50
62
74
mA
1-2 Current drain -5V
Icco-5V
No input FM mode
I21+I27+I50
19
37
25
25
25
25
25
44.5
51
58
mA
1-3 Demodulation
output
Vo-FM
98.1MHz, 60dB
μV, 1kHz,
100%mod, pin 25
19
37
25
25
25
25
25
220
277
350 mVrms
1-4 Pin 52 RDS
demodulation output
Vo-52
98.1MHz, 60dB
μV, 1kHz,
100%mod, pin 52
19
37
25
25
25
25
25
270
340
425 mVrms
1-5 Channel balance
CB
98.1MHz, 60dB
μV, 1kHz,
pins 25 and 26
19
37
25
25
25
25
25
-1
0
1
dB
1-6 Total harmonic
distortion factor
THD-
Fmmono (1)
98.1MHz, 60dB
μV, 1kHz,
100%mod, pin 25
19
37
25
25
25
25
25
0.2
1
%
1-7 Total harmonic
distortion
THD-
Fmmono (2)
98.1MHz, 60dB
μV, 1kHz,
150%mod, pin 25
19
37
25
25
25
25
25
0.3
2.5
%
1-8 Signal to noise ratio
(MONO)
S/N-FM-
MONO
98.1MHz, 60dB
μV, 1kHz,
100%mod,
19
37
25
25
25
25
25
60
67
dB
1-9 Signal to noise ratio
(ST)
S/N-FM-ST
98.1MHz, 60dB
μV, 1kHz,
100%mod, pin 25, pilot=10%
19
37
25
25
25
25
25
54
58
dB
1-10 AM suppression
ratio
AMR
98.1MHz, 60dB
μV, 1kHz,
100%mod, 30% in AM mode,
fm=1kHz, pin 25
19
37
25
25
25
25
25
54
61
dB
1-11 Muting attenuation (1)
Att-1
98.1MHz, 60dB
μV, 1kHz, with
V33=0
→2V, pin 25 attenuation
19
37
25
25
14
25
25
-30
-25
-20
dB
1-12 Muting attenuation (2)
Att-2
98.1MHz, 60dB
μV, 1kHz, with
V33=0
→2V, pin 25 attenuation
19
37
25
35
25
25
25
-20
-16
-11.2
dB
1-13 Muting attenuation (3)
Att-3
98.1MHz, 60dB
μV, 1kHz, with
V33=0
→1V, pin 25 attenuation
19
37
25
35
25
25
25
-11
-6
-1
dB
1-14 Separation
Separation
98.1MHz, 60dB
μV, mod=30%,
pilot=10%, pin 25 output ratio
[IN3-5 D0-5] Separation control adj
19
37
25
25
25
25
25
27
38
dB
1-15 Stereo ON level
ST-ON
Pilot demodulation at which
V39<0.5V is established
19
37
25
25
25
25
25
1.9
4.1
6.3
%
1-16 Stereo OFF level
ST-OFF
Pilot demodulation at which
V39>3.5V is established
19
37
25
25
25
25
25
1
3
%
1-17 Main distortion
factor
THD-Main L
98.1MHz, 60dB
μV, L+R=90%,
pilot=10%, pin 25
19
37
25
25
25
25
25
0.3
1.2
%
1-18 SNC output
attenuation
AttSNC
98.1MHz, 60dB
μV, L-R=90%,
pilot=10%, V28=3V
→0.6V,
pin 25; standard for single block
19
37
25
25
25
25
25
-10
-6
-2
dB
1-19 HCC output
attenuation (1)
FM HCC
98.1MHz, 60dB
μV, 10kHz,
L+R=90%, pilot=10%,
V29=3V
→0.6V,
pin 25; standard for single block
19
37
25
25
25
25
25
-6
-3
-0.5
dB
1-20 HCC output
attenuation (2)
FM HCC
98.1MHz, 60dB
μV, 10kHz,
L+R=90%, pilot=10%,
V29=3V
→0.1V,
pin 25; standard for single block
19
37
25
25
25
25
25
-14.5
-10.5
-6.5
dB
1-21 Input limiting
voltage
Vi-lim
98.1MHz, 60dB
μV, 30%mod,
MIX input at which the input
reference output is down
by -3dB, V42=0V, V29=0V,
with MUTE=OFF
19
37
25
25
25
25
25
-6
-1
1 dB
μV
1-22 Muting sensitivity
Vi-mute
MIX input level at V42=1V,
non-mod
19
37
25
25
25
25
25
0.1
5
9.9 dB
μV
Continued on next page.


Similar Part No. - LV25200M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25200M SANYO-LV25200M Datasheet
522Kb / 45P
   Bi-CMOS IC Single chip Tuner IC for Car Radio
More results

Similar Description - LV25200M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25700PM SANYO-LV25700PM Datasheet
751Kb / 68P
   For Car Radio Single chip Tuner IC
LV25200M SANYO-LV25200M Datasheet
522Kb / 45P
   Bi-CMOS IC Single chip Tuner IC for Car Radio
LA1867NM SANYO-LA1867NM Datasheet
941Kb / 32P
   Car Radio Single-Chip Tuner System
LA1776M SANYO-LA1776M_09 Datasheet
544Kb / 41P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com