Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV23401V Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LV23401V
Description  For Home Stereo System 1-chip Tuner IC Incorporating PLL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV23401V Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LV23401V_11 Datasheet HTML 3Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 4Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 5Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 6Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 7Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 8Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 9Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 10Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LV23401V
Continued from preceding page.
No.
Pin name
Voltage (V)
Internal Equivalent Circuit
Remarks
20
DI
Serial data input pin.
Input pin of the serial data transmitted by
controller.
21
DO
Serial data output pin.
Serial data output pin to controller.
22
VDD
3.3V
Logic area standard bias pin.
VDD = 3.3V
23
GND3
0V
Digital area (control block) GND pin.
24
26
L1
L2
4.3V
OSC coil connect pin.
33nH is connected between 25pin.
25
VREF2
4.3V
OSC area standard bias pin.
VREF2 = 4.3V
27
SD-ADJ
0.1V
SD lighting sensitivity adjustment pin.
It connects it to GND through 22kΩ.
R = 100
Ω
28
FLL-CAP
LPF pin for internal FLL control.
R = 80k
Ω
29
GND4
0V
Analog (FMRF) GND pin.
30
FM-ANT
0.9V
FM antenna input pin.
R = 1.5k
Ω
RIN = 75Ω
20
21
24
CAP
BANK
CAP
BANK
26
12
25
4.3V
Regulator
27
COMP
R
28
29
30
R
No.A1746-7/24


Similar Part No. - LV23401V_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
logo
ON Semiconductor
LV23401V ONSEMI-LV23401V Datasheet
279Kb / 24P
   1-chip Tuner IC
May, 2013
More results

Similar Description - LV23401V_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
LV23200T SANYO-LV23200T Datasheet
322Kb / 17P
   Bi-CMOS IC For Home Stereo System 1-chip Tuner IC Incorporating PLL
LV23100V SANYO-LV23100V Datasheet
317Kb / 12P
   For Portable Audio System 1-chip Tuner IC Incorporating PLL
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LV23014T SANYO-LV23014T Datasheet
215Kb / 17P
   Bi-CMOS IC For Mini Component, receiver 1-chip Tuner IC Incorporating PLL
LV23002M SANYO-LV23002M Datasheet
457Kb / 4P
   Bi-CMOS IC For Radio Cassette and Mini Component System 1-chip Tuner IC Incorporating PLL
LV23015T SANYO-LV23015T Datasheet
214Kb / 17P
   Bi-CMOS IC For Mini Component, receiver 1-chip Tuner IC Incorporating PLL
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com