Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1868N Datasheet(PDF) 6 Page - Analog Devices

Part # AD1868N
Description  Single Supply Dual 18-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1868N Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1868N Datasheet HTML 2Page - Analog Devices AD1868N Datasheet HTML 3Page - Analog Devices AD1868N Datasheet HTML 4Page - Analog Devices AD1868N Datasheet HTML 5Page - Analog Devices AD1868N Datasheet HTML 6Page - Analog Devices AD1868N Datasheet HTML 7Page - Analog Devices AD1868N Datasheet HTML 8Page - Analog Devices AD1868N Datasheet HTML 9Page - Analog Devices AD1868N Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD1868
REV. A
–6–
1
2
3
4
5
6
7
8
9
11
12
13
14
16
15
LL
DL
CK
DR
LR
DGND
NRL
AGND
NRR
VL
VS
AD1868
+ 5V
VOL
+5V
10
VBL
VOR
VOL
VOR
VS
VBR
Figure 8b. Circuitry Using Voltage Biases
The AD1868 eliminates the need for “False Ground” circuitry.
VBR and VBL generate the required bias voltages previously
generated by the “False Ground.” As shown in Figure 8b, VBR
and VBL may be used as the reference point in each output
channel. This permits a dc-coupled output signal path. This
eliminates ac-coupling capacitors and improves low frequency
performance. It should be noted that these bias outputs have
relatively high output impedance and will not drive output
currents larger than 100
µA without degrading the specified
performance.
DISTORTION PERFORMANCE AND TESTING
The THD+N figure of an audio DAC represents the amount of
undesirable signal produced during reconstruction and playback
of an audio waveform. Therefore, the THD+N specification
provides a direct method to classify and choose an audio DAC
for a desired level of performance.
Figure 1 illustrates the typical THD+N versus frequency perfor-
mance of the AD1868. It is evident that the THD+N perfor-
mance of the AD1868 remains stable at all three levels through
a wide range of frequencies. A load impedance of at least 2 k
Ω is
recommended for best THD+N performance.
Analog Devices tests and grades all AD1868s on the basis of
THD+N performance. During the distortion test, a high speed
digital pattern generator transmits digital data to each channel
of the device under test. Eighteen-bit data is latched into the
DAC at 352.8 kHz (8
× F
S). The test waveform is a 990.5 Hz
sine wave with 0 dB, –20 dB, and –60 dB amplitudes. A 4096-
point FFT calculates total harmonic distortion + noise,
signal-to-noise ratio, and D-range. No deglitchers or external
adjustments are used.
DIGITAL CIRCUIT CONSIDERATIONS
INPUT DATA
The AD1868 digital input port employs five signals: Data Left
(DL), Data Right (DR), Latch Left (LL), Latch Right (LR) and
Clock (CLK). DL and DR are the serial inputs for the left and
right DACs, respectively. Input data bits are clocked into the in-
put register on the rising edge of CLK. The falling edges of LL
and LR cause the last 18 bits which were clocked into the serial
registers to be shifted into the DACs, thereby updating the re-
spective DAC outputs. For systems using only a single latch sig-
nal, LL and LR may be connected together. For systems using
only one DATA signal, DR and DL may be connected together.
Data is transmitted to the AD1868 in a bit stream composed of
18-bit words with a serial, twos complement, MSB first format.
Left and right channels share the Clock (CLK) signal.
Figure 9 illustrates the general signal requirements for data
transfer for the AD1868.
CLK
DL
DR
LL
LR
MSB
MSB
LSB
LSB
Figure 9. Control Signals


Similar Part No. - AD1868N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1868 AD-AD1868 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
More results

Similar Description - AD1868N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1864 AD-AD1864 Datasheet
302Kb / 12P
   Complete Dual 18-Bit Audio DAC
REV. A
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1859 AD-AD1859 Datasheet
302Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com