Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE24LB642CS Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LE24LB642CS
Description  Two Wire Serial Interface EEPROM (64k EEPROM)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24LB642CS Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LE24LB642CS Datasheet HTML 3Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 4Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 5Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 6Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 7Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 8Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 9Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 10Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LE24LB642CS
3) Notes on write protect operation
This product prohibits all 64k bit writing when the WP pin is high. To ensure full write protection, the WP is set high
for all periods from the start condition to the stop condition, and the conditions below must be satisfied.
VDD=1.7 to 3.6V
Item
Symbol
min
typ
max
unit
WP Setup time
tSU.WP
600
ns
WP Hold time
tHD.WP
600
ns
SCL
SDA
tSU.WP
tHD.WP
WP
Start condition
Stop condition
4) Precautions when turning on the power
This product contains a power-on reset circuit for preventing the inadvertent writing of data when the power is
turned on. The following conditions must be met in order to ensure stable operation of this circuit. No data
guarantees are given in the event of an instantaneous power failure during the internal write operation.
VDD=1.7 to 3.6V
Item
Symbol
min
typ
max
unit
Power rise time
tRISE
100
ms
Power off time
tOFF
10
ms
Power bottom voltage
Vbot
0.2
V
VDD
0V
tOFF
tRISE
Vbot
Notes:
1) The SDA pin must be set to high and the SCL pin to low or high.
2) Steps must be taken to ensure that the SDA and SCL pins are not placed in a high-impedance state.
A. If it is not possible to satisfy the instruction 1 in Note above, and SDA is set to low during power rise
After the power has stabilized, the SCL and SDA pins must be controlled as shown below, with both pins set to high.
VDD
SCL
SDA
tLOW
tDH
tSU.DAT
VDD
SCL
SDA
tSU.DAT
No.A1464-10/11


Similar Part No. - LE24LB642CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24LB642CS SANYO-LE24LB642CS Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM
More results

Similar Description - LE24LB642CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24CB642MC SANYO-LE24CB642MC Datasheet
989Kb / 14P
   Two Wire Serial Interface EEPROM(64k EEPROM)
LE24LB642M SANYO-LE24LB642M_10 Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642_10 Datasheet
134Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
logo
Renesas Technology Corp
R1EX24064ASAS0G RENESAS-R1EX24064ASAS0G Datasheet
400Kb / 18P
   Two-wire serial interface 64k EEPROM
logo
Sanyo Semicon Device
LE24LB642M SANYO-LE24LB642M Datasheet
106Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642 Datasheet
100Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM(64k EEPROM)
logo
Renesas Technology Corp
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM Clock frequency
logo
E-CMOS Corporation
EC24C64C E-CMOS-EC24C64C Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com