Electronic Components Datasheet Search |
|
LC74736PT Datasheet(PDF) 3 Page - Sanyo Semicon Device |
|
LC74736PT Datasheet(HTML) 3 Page - Sanyo Semicon Device |
3 / 106 page LC74736PT No.A0569-3/106 (8) Color table (palette) • Sixteen colors can be selected from a set of 4096 colors (One of which is specified to be transparent.) • Number of color tables: 4. This allows up to 64 colors to be displayed at the same time. (9) Wallpaper screen (Graphics glyphs only) Wallpaper display: Repeated display under the main screen (up to 4 characters horizontally by 4 characters vertically). Sprite character display: Displayed above the main screen (up to 4 characters horizontally by 4 characters vertically). (10) Line spacing control 0-15 scan lines (in line units) (11) Output Analog RGB output( to 20MHz) Digital RGB output (4 bits per color) BLK (OSD display period signal) Package: TQFP100 Voltage: 3.3V Package Dimensions unit : mm (typ) 3274 SANYO : TQFP100(14X14) 100 125 26 50 51 75 76 14.0 (1.0) 0.125 16.0 0.2 0.5 |
Similar Part No. - LC74736PT_11 |
|
Similar Description - LC74736PT_11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |