Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA79200V Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA79200V
Description  For extention of I2C-BUS compatible microcomputer I/O port
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA79200V Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA79200V Datasheet HTML 1Page - Sanyo Semicon Device LA79200V Datasheet HTML 2Page - Sanyo Semicon Device LA79200V Datasheet HTML 3Page - Sanyo Semicon Device LA79200V Datasheet HTML 4Page - Sanyo Semicon Device LA79200V Datasheet HTML 5Page - Sanyo Semicon Device LA79200V Datasheet HTML 6Page - Sanyo Semicon Device LA79200V Datasheet HTML 7Page - Sanyo Semicon Device LA79200V Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA79200V
No.A0258-6/8
BUS Control Register Bit Allocation
IC Address (WRITE) : 011111A0
BUS Control Register Bit Allocation Map
2002.12.27
Control Register Bit Allocations
Sub Address
MSB
DATA BITS
LSB
DA0
DA1
DA2
DA3
DA4
DA5
DA6
DA7
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0000 0000
PEX7
PEX6
PEX5
PEX4
PEX3
PEX2
PEX1
PEX0
0
0
0
0
0
0
0
0
0000 0001
DA Output 0
DA Output 0
0
0
0
0
(Bits are transmitted in this order.)
BUS Control Register Bit Allocation Map
IC Address (READ) : 011111A1
Status Register Bit Allocations
MSB
DATA BITS
LSB
DA0
DA1
DA2
DA3
DA4
DA5
DA6
DA7
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Status 1
PEX7
PEX6
PEX5
PEX4
PEX3
PEX2
PEX1
PEX0
Status 2
(PEX7)
(PEX6)
(PEX5)
(PEX4)
(PEX3)
(PEX2)
(PEX1)
(PEX0)
Note
(1) “A” in the IC address is set by PIN14, Address.
(2) For the Read Status, the first 1 byte of two bytes that have been read is used.
(Attempt to read only the first 1 byte may cause failure of occurrence of the STOP condition.).
Bus Control Register Truth Table
Control Register Truth Table
Register Name
0 HEX
1 HEX
2 HEX
3 HEX
PEX 0
Low
High
PEX 1
Low
High
PEX 2
Low
High
PEX 3
Low
High
PEX 4
Low
High
PEX 5
Low
High
PEX 6
Low
High
PEX 7
Low
High
DA OUTPUT_1
High
Mid 2
Mid 1
Low
DA OUTPUT_2
High
Mid 2
Mid 1
Low
Bus Control Register Truth Table
Status Byte Truth Table
Register Name
0 HEX
1 HEX
2 HEX
3 HEX
PEX 0
Low
High
PEX 1
Low
High
PEX 2
Low
High
PEX 3
Low
High
PEX 4
Low
High
PEX 5
Low
High
PEX 6
Low
High
PEX 7
Low
High


Similar Part No. - LA79200V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA79200V SANYO-LA79200V Datasheet
156Kb / 8P
   Monolithic Linear IC For extention of I2C-BUS compatible microcomputer I/O port
More results

Similar Description - LA79200V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA79200V SANYO-LA79200V Datasheet
156Kb / 8P
   Monolithic Linear IC For extention of I2C-BUS compatible microcomputer I/O port
logo
ON Semiconductor
JLC1562BE ONSEMI-JLC1562BE Datasheet
90Kb / 9P
   I2C Bus I/O Expander
November, 2005 ??Rev. 5
JLC1562B ONSEMI-JLC1562B Datasheet
79Kb / 10P
   I2C Bus I/O Expander
July, 2004 ??Rev. 4
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
   8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
logo
NXP Semiconductors
PCA9536 NXP-PCA9536 Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
logo
Renesas Technology Corp
M62320GP RENESAS-M62320GP Datasheet
135Kb / 11P
   8-bit I/O Expander for I2C BUS
logo
Mitsubishi Electric Sem...
M62320P MITSUBISHI-M62320P Datasheet
66Kb / 9P
   8-BIT I/O EXPANDER for I2C BUS
logo
Renesas Technology Corp
M62320P RENESAS-M62320P Datasheet
148Kb / 11P
   8-bit I/O Expander for I2C BUS
logo
Texas Instruments
PCF8574A TI-PCF8574A Datasheet
392Kb / 16P
[Old version datasheet]   REMOTE 8BIT I/O EXPANDER FOR I2C BUS
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E Datasheet
335Kb / 22P
   8-bit I/O Expander for I2C Bus
February, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com