Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA79200V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA79200V
Description  For extention of I2C-BUS compatible microcomputer I/O port
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA79200V Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA79200V_07 Datasheet HTML 1Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 2Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 3Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 4Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 5Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 6Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 7Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LA79200V
No.A0258-2/8
Electrical Characteristics at Ta
= 25°C, V1 = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[Circuit voltage, current]
Supply current
I1
V1=5V
7.2
8.0
8.8
mA
Supply voltage
V1
4.5
5.0
5.5
V
[SCL input/SDA input output]
LOW level input voltage
ViL
0
0.8
V
HIGH level input voltage
ViH
3.5
5.0
V
DATA saturation voltage
VDAsat
0.35
V
[I/O s]
LOW level input voltage
VIOiL
0
0.8
V
HIGH level input voltage
VIOiH
3.5
5.0
V
LOW level saturation voltage
VIOsat
0.35
V
[Slave address select]
LOW level input voltage
VAiL
0
0.8
V
[D/A output]
D/A LOW level output voltage
VDAL
0
0.3
V
D/A MID1 level output voltage
VDAM1
1.7
2
2.3
V
D/A MID2 level output voltage
VDAM2
2.7
3
3.3
V
D/A HIGH level output voltage
VDAH
3.8
4.1
4.4
V
Notes
(1) Write “Hi” in the register of each port with IIC Bus when using each port as an input.
(2) Clock rate of IIC Bus can be used at 400kHz or less.
Package Dimensions
unit : mm
3178B
5.2
0.22
0.65
(0.33)
18
9
16
0.15
SANYO : SSOP16(225mil)


Similar Part No. - LA79200V_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA79200V SANYO-LA79200V Datasheet
156Kb / 8P
   Monolithic Linear IC For extention of I2C-BUS compatible microcomputer I/O port
More results

Similar Description - LA79200V_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA79200V SANYO-LA79200V Datasheet
156Kb / 8P
   Monolithic Linear IC For extention of I2C-BUS compatible microcomputer I/O port
logo
ON Semiconductor
JLC1562BE ONSEMI-JLC1562BE Datasheet
90Kb / 9P
   I2C Bus I/O Expander
November, 2005 ??Rev. 5
JLC1562B ONSEMI-JLC1562B Datasheet
79Kb / 10P
   I2C Bus I/O Expander
July, 2004 ??Rev. 4
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
   8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
logo
NXP Semiconductors
PCA9536 NXP-PCA9536 Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
logo
Renesas Technology Corp
M62320GP RENESAS-M62320GP Datasheet
135Kb / 11P
   8-bit I/O Expander for I2C BUS
logo
Mitsubishi Electric Sem...
M62320P MITSUBISHI-M62320P Datasheet
66Kb / 9P
   8-BIT I/O EXPANDER for I2C BUS
logo
Renesas Technology Corp
M62320P RENESAS-M62320P Datasheet
148Kb / 11P
   8-bit I/O Expander for I2C BUS
logo
Texas Instruments
PCF8574A TI-PCF8574A Datasheet
392Kb / 16P
[Old version datasheet]   REMOTE 8BIT I/O EXPANDER FOR I2C BUS
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E Datasheet
335Kb / 22P
   8-bit I/O Expander for I2C Bus
February, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com