Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1824 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA1824
Description  Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1824 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA1824 Datasheet HTML 2Page - Sanyo Semicon Device LA1824 Datasheet HTML 3Page - Sanyo Semicon Device LA1824 Datasheet HTML 4Page - Sanyo Semicon Device LA1824 Datasheet HTML 5Page - Sanyo Semicon Device LA1824 Datasheet HTML 6Page - Sanyo Semicon Device LA1824 Datasheet HTML 7Page - Sanyo Semicon Device LA1824 Datasheet HTML 8Page - Sanyo Semicon Device LA1824 Datasheet HTML 9Page - Sanyo Semicon Device LA1824 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LA1824
No.6855-8/10
Pin
Quiescent
number
Function
voltage (V)
Equivalent circuit
Remarks
AM
FM
Pilot detector
Forced monaural mode when pin
14
filter
2.9
3.8
14 is connected to ground
(forced mono)
Phase
FM mode is when pin 15 is open,
15
comparator filter
0
3.8
and AM mode is when pin 15 is
(AM/FM switch)
connected to ground
16
L output
1.4
1.4
Rout = 7.5 k
17
R output
18
MPX input
1.3
1.3
Rin = 50 k
Output impedance
AM : Rout = 50 k
FM : Rout = 500
AM/FM
19
detector
0.5
1.5
The channel separation can be
output
adjusted with an external
capacitor connected between this
pin and ground
Connect the FM oscillator coil
20
FM-OSC
4.5
4.4
between this pin and pin 21
(VCC2)
ILA00318
14
15
ILA00319
ILA00320
16
17
Rout
ILA00321
18
Rin
ILA00322
19
Rout(FM)
Rout(AM)
ILA00323
21
20
(
)


Similar Part No. - LA1824

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
More results

Similar Description - LA1824

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1828 SANYO-LA1828 Datasheet
153Kb / 13P
   Single-Chip Tuner IC for Portable Radio /Cassette Recorders with Manual Tuning
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Toshiba Semiconductor
TC9309F-106 TOSHIBA-TC9309F-106 Datasheet
164Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-119 TOSHIBA-TC9309AF-119 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-112 TOSHIBA-TC9309AF-112 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com