Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1787M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA1787M
Description  Single-Chip Tuner IC for Car Radios
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1787M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA1787M Datasheet HTML 1Page - Sanyo Semicon Device LA1787M Datasheet HTML 2Page - Sanyo Semicon Device LA1787M Datasheet HTML 3Page - Sanyo Semicon Device LA1787M Datasheet HTML 4Page - Sanyo Semicon Device LA1787M Datasheet HTML 5Page - Sanyo Semicon Device LA1787M Datasheet HTML 6Page - Sanyo Semicon Device LA1787M Datasheet HTML 7Page - Sanyo Semicon Device LA1787M Datasheet HTML 8Page - Sanyo Semicon Device LA1787M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
Operating Characteristics and Symbols Used in the Test Circuit Diagrams
Switches (SW)
Switch on = 1, SW off = 0
There are two switches that use signal transfer.
— SW2: switches between the mixer input and the IF input.
— SW4: switches between noise canceler input and IF output + noise canceler input.
No. 6655-5/54
LA1787M
Types of SG used
PG1 (AC1)
Used for noise canceler testing. A pulse generator and an AF oscillator are required.
AC2
Used for FM front end testing. Outputs an 83 MHz signal.
AC3
Used for FM IF, noise canceler, and MPX testing. Outputs a 10.7 MHz signal. Stereo modulation must be possible.
AC4
Used for AM testing. Outputs 1 MHz and 1.4 MHz signals.
AC5
Used with the MRC. Can also be used for AF and OSC.
Power supply
VCC
8 V
VCC1
5 V
SD, stereo, seek/stop
VCC2
0.1 V / 0.7 V / 2 V / 4 V
These levels
Keyed AGC, Mute ATT
VCC3
0.1 V / 0.6 V / 2 V
must be variable.
HCC, SNC, SASC (MRC)
• Trimmers (variable resistors)
VR1
Separation adjustment
VR2
Pilot cancellation adjustment
• AC voltages
VA1
AM/FM OSC Buff
Pin 4
VA2
First IF output
Pin 53
→ CF → pin 51 load level (10.7 MHz)
VA3
IF counter buffer
Pin 23 (10.7 MHz/450 kHz)
VA4
MPX OUT Left ch
Pin 15 (AF)
VA5
MPX OUT Right ch
Pin 16 (AF)
Test Points
• DC voltages
VD1
FM RF AGC voltage
Pin 2
VD2
AM/FM SD, AM Tweet, FM stereo indicator
Pin 26
VD3
AM/FM S-meter
Pin 24
VD4
MRC output
Pin 27
VD5
Mute drive output
Pin 33
VD6
AM antenna damping voltage
Pin 46
VD7
N.C. Gate time
Pin 8
• Switches
Parameter
ON
OFF
SW1
AM/FM switching. The FE VCC is supplied to pin 62.
FM
AM
SW2
FM IF switching. Pin 51/FE output
FE IF OUT (A)
AC3 (B)
SW3
For conversion gain testing
Conversion gain measurement (A)
Other/purposes
SW4
For switching between noise canceler input and IF output + noise canceler.
AC1 (A)
Other/purposes
SW5
High-speed SD
High-speed SD
Other/purposes
SW6
SEEK/STOP (IF BUFF ON/OFF)
STOP
Seek (IF buffer output)
SW7
MUTE ATT 200 k
MUTE 200 k
OFF
SW8
MUTE ATT 30 k
MUTE 30 k
OFF
SW9
For pilot cancellation testing
When pilot cancellation is used
When pilot cancellation is not used
SW10
Mute off (pin 33)
MUTE OFF
MUTE ON


Similar Part No. - LA1787M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
logo
ON Semiconductor
LA1787M ONSEMI-LA1787M Datasheet
617Kb / 54P
   Single-Chip Tuner IC
January, 2011
More results

Similar Description - LA1787M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
logo
Silan Microelectronics ...
SA1787 SILAN-SA1787 Datasheet
1Mb / 19P
   SINGLE-CHIP TUNER IC FOR CAR RADIOS
logo
Sanyo Semicon Device
LA1776M SANYO-LA1776M_09 Datasheet
544Kb / 41P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com