Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GENE-1350 Datasheet(PDF) 2 Page - AAEON Technology

Part # GENE-1350
Description  RISC CPU Board With TI OMAP 3503/3530 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

GENE-1350 Datasheet(HTML) 2 Page - AAEON Technology

  GENE-1350 Datasheet HTML 1Page - AAEON Technology GENE-1350 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-4
0.00
3.12
27.64
40.34
52.42
65.78
72.94
86.10
70.08
88.40
40.01
95.01
39.57
73.92
54.72
87.62
98.37
101.60
3.12
36.70
10.45
25.86
97.76
93.36
90.00
94.23
99.52
98.31
MADE IN TAIWAN
P/N:1907135002
GENE-1350 REV:A0.3
15.28
31.10
17.08
36.21
28.98
0.00
97.59
3.12
88.39
98.37
73.91
3.12
98.37
Dimension
Unit: mm
Optional Accessories
Board Ordering Information
Kit Ordering Information
TF-SKC-1350-002
Starter Kit, GENE-1350, w/ 7” LCD, Touch Screen,+19V Adapter, Battery Pack, WinCE 6.0
TF-SKC-1350-003
Starter Kit, GENE-1350, w/ 7” LCD, Touch Screen,+19V Adapter, WinCE 6.0
GENE-1350
1701090150
COM Port Cable, Length 15cm
1702002010
Big 4P Power Input Cable, Length 10cm
1709100254
Audio Cable, Length 25cm
9789E12301
4400mAh Li-Ion Battery Module
1703020355
1 Watt Speaker
1700050207
USB Cable, Length 20cm
Part Number
CPU
Memory Storage
OS
Display
LVDS
LAN
USB2.0
COM
Touch
Expansion Slot
Power
Temp
TF-GENE-1350-A10
TI OMAP™ 3530 600MHz 128MB
256MB
WinCE 6.0
TTL, LVDS, CRT 18-bit Single Channel FE x 1
USB Host x 2,
USB OTG x 1
TTL UART x 1,
RS-232/422/485 x 1,
RS-232 x 1
4-wire
resistive
Mini Card x 2,
SIM slot x 1,
Proprietary Expansion slot x 1
9V~24V
0°C ~ 70°C
TF-GENE-1350-A20
TI OMAP™ 3530 600MHz 256MB
256MB
Andriod 2.2
TTL, LVDS, CRT 18-bit Single Channel FE x 1
USB Host x 2,
USB OTG x 1
TTL UART x 1,
RS-232/422/485 x 1,
RS-232 x 1
4-wire
resistive
Mini Card x 2,
SIM slot x 1,
Proprietary Expansion slot x 1
9V~24V
0°C ~ 70°C
TF-GENE-1350-A30
TI OMAP™ 3530 600MHz 128MB
256MB
Linux 2.6.32
TTL, LVDS, CRT 18-bit Single Channel FE x 1
USB Host x 2,
USB OTG x 1
TTL UART x 1,
RS-232/422/485 x 1,
RS-232 x 1
4-wire
resistive
Mini Card x 2,
SIM slot x 1,
Proprietary Expansion slot x 1
9V~24V
0°C ~ 70°C
TF-GENE-1350W1-A10
TI OMAP™ 3530 600MHz 128MB
256MB
WinCE 6.0
TTL, LVDS, CRT 18-bit Single Channel FE x 1
USB Host x 2,
USB OTG x 1
TTL UART x 1,
RS-232/422/485 x 1,
RS-232 x 1
4-wire
resistive
Mini Card x 2,
SIM slot x 1,
Proprietary Expansion slot x 1
9V~24V
WiTAS 1
-20°C ~ 70°C
TF-GENE-1350W1-A20
TI OMAP™ 3530 600MHz 256MB
256MB
Andriod 2.2
TTL, LVDS, CRT 18-bit Single Channel FE x 1
USB Host x 2,
USB OTG x 1
TTL UART x 1,
RS-232/422/485 x 1,
RS-232 x 1
4-wire
resistive
Mini Card x 2,
SIM slot x 1,
Proprietary Expansion slot x 1
9V~24V
WiTAS 1
-20°C ~ 70°C
TF-GENE-1350W1-A30
TI OMAP™ 3530 600MHz 128MB
256MB
Linux 2.6.32
TTL, LVDS, CRT 18-bit Single Channel FE x 1
USB Host x 2,
USB OTG x 1
TTL UART x 1,
RS-232/422/485 x 1,
RS-232 x 1
4-wire
resistive
Mini Card x 2,
SIM slot x 1,
Proprietary Expansion slot x 1
9V~24V
WiTAS 1
-20°C ~ 70°C
TF-GENE-1350W2-A10
TI OMAP™ 3530 600MHz 128MB
256MB
WinCE 6.0
TTL, LVDS, CRT 18-bit Single Channel FE x 1
USB Host x 2,
USB OTG x 1
TTL UART x 1,
RS-232/422/485 x 1,
RS-232 x 1
4-wire
resistive
Mini Card x 2,
SIM slot x 1,
Proprietary Expansion slot x 1
9V~24V
WiTAS 2
-40°C ~ 85°C
TF-GENE-1350W2-A20
TI OMAP™ 3530 600MHz 256MB
256MB
Andriod 2.2
TTL, LVDS, CRT 18-bit Single Channel FE x 1
USB Host x 2,
USB OTG x 1
TTL UART x 1,
RS-232/422/485 x 1,
RS-232 x 1
4-wire
resistive
Mini Card x 2,
SIM slot x 1,
Proprietary Expansion slot x 1
9V~24V
WiTAS 2
-40°C ~ 85°C
TF-GENE-1350W2-A30
TI OMAP™ 3530 600MHz 128MB
256MB
Linux 2.6.32
TTL, LVDS, CRT 18-bit Single Channel FE x 1
USB Host x 2,
USB OTG x 1
TTL UART x 1,
RS-232/422/485 x 1,
RS-232 x 1
4-wire
resistive
Mini Card x 2,
SIM slot x 1,
Proprietary Expansion slot x 1
9V~24V
WiTAS 2
-40°C ~ 85°C


Similar Part No. - GENE-1350

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-1350W2 AAEON-GENE-1350W2 Datasheet
314Kb / 1P
   RISC CPU Board With TI OMAP 3503/3530 Processors
More results

Similar Description - GENE-1350

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-1350W2 AAEON-GENE-1350W2 Datasheet
314Kb / 1P
   RISC CPU Board With TI OMAP 3503/3530 Processors
RICO-1460 AAEON-RICO-1460 Datasheet
206Kb / 1P
   2.5??RISC CPU Board With Ti OMAP 4460 Processor
GENE-1270 AAEON-GENE-1270 Datasheet
343Kb / 2P
   RISC CPU Board With Marvell PXA270 Processor
logo
Integrated Device Techn...
IDT79R3500 IDT-IDT79R3500 Datasheet
142Kb / 16P
   RISC CPU PROCESSOR RISCore?
logo
AAEON Technology
AHP-1070 AAEON-AHP-1070 Datasheet
270Kb / 2P
   7??WVGA HMI Touch Panel Computer With Onboard TI OMAP 600 MHz Processor
logo
Texas Instruments
OMAP-L138_0908 TI-OMAP-L138_0908 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAPL137CZKBT3 TI1-OMAPL137CZKBT3 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
   32-bit RISC CPU
logo
Advantech Co., Ltd.
SOM-C3503 ADVANTECH-SOM-C3503 Datasheet
1Mb / 2P
   COM with TI OMAP35 Series Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com