Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GENE-1270 Datasheet(PDF) 2 Page - AAEON Technology

Part # GENE-1270
Description  RISC CPU Board With Marvell PXA270 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

GENE-1270 Datasheet(HTML) 2 Page - AAEON Technology

  GENE-1270 Datasheet HTML 1Page - AAEON Technology GENE-1270 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-2
Dimension
Unit: mm
Ordering Information
GENE-1270
Optional Accessories
AP-LN9686666660
SDIO, 802.11 b/g, Wireless LAN Card (For TF-GENE-1270-B10)
TF-PER-P09D-A10
Power over Ethernet Module, +12V DC output
Part Number
CPU
Memory Storage
OS
Display
LVDS
LAN
USB2.0
COM
Touch
Expansion Slot
Power
Temp
TF-GENE-1270-B10
Marvell® PXA270 520 MHz 128MB
128MB
WinCE5.0
TTL, LVDS, CRT 18-bit Single Channel FE x 1
USB1.1 Host x 4,
USB1.1 Client x 1
RS-232 x 1
RS-232/422/485 x 1
4-wire resistive
Proprietary Expansion slot x 1
CompactFlash™ Type 1/2 x 1
SDIO x 1
9V~24V
0°C ~ 70°C
TF-GENE-1270-B10-02
Marvell® PXA270 520 MHz 128MB
128MB
Linux
TTL, LVDS, CRT 18-bit Single Channel FE x 1
USB1.1 Host x 4,
USB1.1 Client x 1
RS-232 x 1
RS-232/422/485 x 1
4-wire resistive
Proprietary Expansion slot x 1
CompactFlash™ Type 1/2 x 1
SDIO x 1
9V~24V
0°C ~ 70°C


Similar Part No. - GENE-1270

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-1270B AAEON-GENE-1270B Datasheet
324Kb / 2P
   Marvell짰 PXA270 Processor
More results

Similar Description - GENE-1270

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-A2709 ADVANTECH-SOM-A2709 Datasheet
383Kb / 2P
   SOM with Marvell XScale PXA270 processor Windows CE 5.0
logo
AAEON Technology
GENE-1350 AAEON-GENE-1350 Datasheet
340Kb / 2P
   RISC CPU Board With TI OMAP 3503/3530 Processor
RICO-1460 AAEON-RICO-1460 Datasheet
206Kb / 1P
   2.5??RISC CPU Board With Ti OMAP 4460 Processor
logo
Integrated Device Techn...
IDT79R3500 IDT-IDT79R3500 Datasheet
142Kb / 16P
   RISC CPU PROCESSOR RISCore?
logo
AAEON Technology
GENE-1270B AAEON-GENE-1270B Datasheet
324Kb / 2P
   Marvell짰 PXA270 Processor
logo
Intel Corporation
FWPXA270C5E416 INTEL-FWPXA270C5E416 Datasheet
1Mb / 28P
   Intel짰 PXA270 Processor
logo
AAEON Technology
GENE-1350W2 AAEON-GENE-1350W2 Datasheet
314Kb / 1P
   RISC CPU Board With TI OMAP 3503/3530 Processors
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
   32-bit RISC CPU
logo
AAEON Technology
AOP-8070HT AAEON-AOP-8070HT Datasheet
353Kb / 2P
   Marvell짰 XScale PXA270 Low Power Processor
logo
Toshiba Semiconductor
TMPR4927ATB-200 TOSHIBA-TMPR4927ATB-200 Datasheet
196Kb / 37P
   TOSHIBA RISC PROCESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com