Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0388003.MXP Datasheet(PDF) 2 Page - Littelfuse

Part # 0388003.MXP
Description  388 Series Lead-Free 3AG, METI B Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0388003.MXP Datasheet(HTML) 2 Page - Littelfuse

  0388003.MXP Datasheet HTML 1Page - Littelfuse 0388003.MXP Datasheet HTML 2Page - Littelfuse 0388003.MXP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revised: January 7, 2009
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
334
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
388 Series
Please refer to www.littelfuse.com/series/388.html for current information.
Average Time Current Curves
Temperature Rerating Curve
1000
100
10
1
0.1
0.01
10
100
1000
0.1
1
CURRENT IN AMPERES
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder PotTemperature:
260
° C Maximum
Solder DwellTime:
2-5 seconds
Recommended Hand-Solder Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.
Note: These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:


Similar Part No. - 0388003.MXP

ManufacturerPart #DatasheetDescription
logo
Heyco.
0388 HEYCO-0388 Datasheet
141Kb / 1P
   Nylon Premolds
logo
Littelfuse
03881.5MXEP LITTELFUSE-03881.5MXEP Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
03881.5MXP LITTELFUSE-03881.5MXP Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
038810MXEP LITTELFUSE-038810MXEP Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
038810MXP LITTELFUSE-038810MXP Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
More results

Similar Description - 0388003.MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0312.010V LITTELFUSE-0312.010V Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
0313.010HXP LITTELFUSE-0313.010HXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
0375012.HXP LITTELFUSE-0375012.HXP Datasheet
265Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 100 PACK
0375012.MXP LITTELFUSE-0375012.MXP Datasheet
263Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 1000 PACK
logo
Keystone Electronics Co...
3529 KEYSTONE-3529 Datasheet
195Kb / 1P
   3AG PC FUSE CLIP
8.30.82
logo
Littelfuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
688 LITTELFUSE-688 Datasheet
685Kb / 3P
   688 Series Lead-Free, 6x25mm Fuse
313 LITTELFUSE-313 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
logo
List of Unclassifed Man...
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF06-020V09-TF ETC-TRF06-020V09-TF Datasheet
257Kb / 6P
   Lead Free SMD Resettable Fuse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com