Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1854 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1854
Description  Stereo, 96 kHz, Multibit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1854 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1854 Datasheet HTML 4Page - Analog Devices AD1854 Datasheet HTML 5Page - Analog Devices AD1854 Datasheet HTML 6Page - Analog Devices AD1854 Datasheet HTML 7Page - Analog Devices AD1854 Datasheet HTML 8Page - Analog Devices AD1854 Datasheet HTML 9Page - Analog Devices AD1854 Datasheet HTML 10Page - Analog Devices AD1854 Datasheet HTML 11Page - Analog Devices AD1854 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD1854
–11–
REV. A
TYPICAL PERFORMANCE
Figures 13 through 20 illustrate the typical analog performance
of the AD1854 as measured by an Audio Precision System Two.
Signal-to-Noise and THD+N performance are shown under a
range of conditions. Figure 14 shows the power supply rejection
020
2468
10
12
14
16
18
–60
–65
–105
–85
–90
–95
–100
–75
–80
–70
–110
–115
–120
–125
–130
FREQUENCY – kHz
–135
–140
–145
–150
–155
–160
–60
–65
–105
–85
–90
–95
–100
–75
–80
–70
–110
–115
–120
–125
–130
–135
–140
–145
–150
–155
–160
Figure 13. THD+N at 1 kHz, –0.5 dBFS (8K-Point FFT)
0
20
24
6
8
10
12
14
16
18
–40
–45
–85
–65
–70
–75
–80
–55
–60
–50
–100
–105
FREQUENCY – kHz
–110
–90
–95
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
Figure 14. THD+N vs. Frequency at –0.5 dBFS
020
2
4
6
8
10
12
14
16
18
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
FREQUENCY – kHz
–150
–160
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
–150
–160
Figure 15. Dynamic Range: 1 kHz at –60 dBFS
(8K Point FFT)
–120
0
–110 –100 –90 –80 –70 –60 –50 –40 –30
0
–60
–80
–40
–20
–100
–120
AMPLITUDE – dBFS
–20 –10
0
–20
–40
–60
–80
–100
–120
Figure 16. THD+N vs. Level at 1 kHz
20
50
100
200
500
1k
2k
5k
10k
20k
FREQUENCY – Hz
–40
–45
–65
–70
–75
–80
–55
–60
–50
–85
–90
–40
–45
–65
–70
–75
–80
–55
–60
–50
–85
–90
Figure 17. Power Supply Rejection to 300 mV p-p on AVDD
020
2
4
6
8
10
12
14
16
18
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
FREQUENCY – kHz
–150
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–160
Figure 18. Noise Floor, A-Weighted (8K-Point FFT)
performance of the AD1854. Figure 15 shows the noise floor of
the AD1854. The digital filter transfer function is shown in
Figure 16. The two-tone test in Figure 17 is per the SMPTE
Standard for Measuring Intermodulation Distortion.


Similar Part No. - AD1854

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
More results

Similar Description - AD1854

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com