Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1854 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1854
Description  Stereo, 96 kHz, Multibit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1854 Datasheet(HTML) 1 Page - Analog Devices

  AD1854 Datasheet HTML 1Page - Analog Devices AD1854 Datasheet HTML 2Page - Analog Devices AD1854 Datasheet HTML 3Page - Analog Devices AD1854 Datasheet HTML 4Page - Analog Devices AD1854 Datasheet HTML 5Page - Analog Devices AD1854 Datasheet HTML 6Page - Analog Devices AD1854 Datasheet HTML 7Page - Analog Devices AD1854 Datasheet HTML 8Page - Analog Devices AD1854 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
a
AD1854
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
REV. A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Stereo, 96 kHz, Multibit
DAC
FUNCTIONAL BLOCK DIAGRAM
ATTEN/
MUTE
ATTEN/
MUTE
SERIAL
DATA
INTERFACE
8
FS
INTERPOLATOR
MULTIBIT SIGMA-
DELTA MODULATOR
SERIAL CONTROL
INTERFACE
CLOCK
CIRCUIT
OUTPUT
BUFFER
OUTPUT
BUFFER
DAC
DAC
MULTIBIT SIGMA-
DELTA MODULATOR
VOLTAGE
REFERENCE
VOLUME
MUTE
CONTROL DATA
INPUT
3
2
DIGITAL
SUPPLY
CLOCK
IN
96/
48F
S
CLOCK
ANALOG
OUTPUTS
2
2
ZERO
FLAG
ANALOG
SUPPLY
DE-EMPHASIS
MUTE
PD/RST
2
SERIAL
MODE
16-/18-/20-/24-BIT
DIGITAL
DATA INPUT
AD1854
8
FS
INTERPOLATOR
FEATURES
5 V Stereo Audio DAC System
Accepts 16-/18-/20-/24-Bit Data
Supports 24 Bits and 96 kHz Sample Rate
Multibit Sigma-Delta Modulator with “Perfect Differential
Linearity Restoration” for Reduced Idle Tones and
Noise Floor
Data Directed Scrambling DAC—Least Sensitive to Jitter
Differential Output for Optimum Performance
113 dB Dynamic Range at 48 kHz Sample Rate
(AD1854KRS)
112 dB Signal-to-Noise at 48 kHz Sample Rate
(AD1854KRS)
–101 THD+N (AD1854KRS)
On-Chip Volume Control with 1024 Steps
Hardware and Software Controllable Clickless Mute
Zero Input Flag Outputs for Left and Right Channels
Digital De-Emphasis Processing
Supports 256
FS or 384
FS Master Mode Clock
Switchable Clock Doubler
Power-Down Mode Plus Soft Power-Down Mode
Flexible Serial Data Port with Right-Justified, Left-
Justified, and I
2S-Compatible
28-Lead SSOP Plastic Package
APPLICATIONS
DVD, CD, Set-Top Boxes, Home Theater Systems,
Automotive Audio Systems, Sampling Musical
Keyboards, Digital Mixing Consoles, Digital Audio
Effects Processors
PRODUCT OVERVIEW
The AD1854 is a high performance, single-chip stereo, audio
DAC delivering 113 dB Dynamic Range and 112 dB SNR
(A-weighted—not muted) at 48 kHz sample rate. It is comprised
of a multibit sigma-delta modulator with dither, continuous
time analog filters and analog output drive circuitry. Other features
include an on-chip stereo attenuator and mute, programmed
through an SPI-compatible serial control port. The AD1854
is fully compatible with current DVD formats, including 96 kHz
sample frequency and 24 bits. It is also backwards compatible
by supporting 50
µs/15 µs digital de-emphasis intended for
“redbook” 44.1 kHz sample frequency playback from com-
pact discs.
The AD1854 has a very simple but very flexible serial data input
port that allows for glueless interconnection to a variety of ADCs,
DSP chips, AES/EBU receivers and sample rate converters.
The AD1854 can be configured in left-justified, I
2S, and right-
justified. The AD1854 accepts serial audio data in MSB first,
twos-complement format. A power-down mode is offered to mini-
mize power consumption when the device is inactive. The AD1854
operates from a single 5 V power supply. It is fabricated on a single
monolithic integrated circuit and housed in a 28-lead SSOP
package for operation over the temperature range 0
°C to 70°C.


Similar Part No. - AD1854

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
More results

Similar Description - AD1854

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com