Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AD1852JRS Datasheet(PDF) 15 Page - Analog Devices

Part No. AD1852JRS
Description  Stereo, 24-Bit, 192 kHz Multibit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 15 page
background image
AD1852
–15–
REV. 0
AD1852
R2
3.01k
R13
1.00k
R3
3.01k
R14
1.00k
R1
3.01k
R4
3.01k
R6
3.01k
C2
270pF
R5
3.01k
C2
270pF
C7
1.5nF
R17
549
C5
2.2nF
R19
53.6k
I2S LEFT/RIGHT
DATA SEPARATOR
AND INVERTER
1
0
AD797
AD1852
R8
3.01k
R15
1.00k
R9
3.01k
R16
1.00k
R7
3.01k
R10
3.01k
R12
3.01k
C4
270pF
R11
3.01k
C3
270pF
C9
1.5nF
R18
549
C6
2.2nF
R20
53.6k
1
0
AD797
SDATA
LRCLK
BCLK
SDATA
LRCLK
BCLK
L+
L–
R+
R–
L+
L–
R+
R–
0
180
R
R
0
180
L
L
MCLK
I2S INPUT TO
DATA SEPARATOR
DATA SEPARATOR
OUTPUT
LRCLK
SDATA
LRCLK
LSDATA
RDATA
Ln
Rn
Ln+1
Rn+1
Ln+2
Rn+2
Ln
Ln
Ln+1
Ln+1
Ln+2
Rn
Rn
Rn+1
Rn+1
Rn+2
Rn+2
Ln+2
SDATA
LRCLK
BCLK
C10
1.5nF
C8
1.5nF
Figure 28. Mono Application Circuit




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1853Stereo 24-Bit 192 kHz Multibit DAC 1 2 3 4 5 MoreAnalog Devices
CS4391A24-BIT 192 kHz STEREO DAC WITH VOLUME CONTROL 1 2 3 4 5 MoreCirrus Logic
CS4340A24-Bit 192 kHz Stereo DAC for Audio  1 2 3 4 5 MoreCirrus Logic
CS4341A24-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS439124-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS439224-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
AD1833A24-Bit 192 kHz DAC 1 2 3 4 5 MoreAnalog Devices
CS427224-Bit 192 kHz Stereo Audio CODEC 1 2 3 4 5 MoreCirrus Logic
AD19394 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC 1 2 3 4 5 MoreAnalog Devices
AD1833Multichannel 24-Bit 192 kHz DAC 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl