Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPIC-5536 Datasheet(PDF) 2 Page - AAEON Technology

Part # EPIC-5536
Description  EPIC Board with Onboard AMD Geode LX800 (500 MHz) Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

EPIC-5536 Datasheet(HTML) 2 Page - AAEON Technology

  EPIC-5536 Datasheet HTML 1Page - AAEON Technology EPIC-5536 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02-14
Dimension
Unit: mm
TF-PCM-FA00-A10
PC/104 Board Plus to Mini-PCI Module Converter
1701260200
LPT Cable, Length 20cm
1700060152
Keyboard/Mouse Cable, Length 15cm
1709070500
SATA Cable, Length 50cm
1701100206
COM Port Cable, Length 20cm
1701340703
FDD Cable, Length 70 cm
1702040109
Power Output Cable, Length 10cm
1703030102
Audio Cable (Line-in), Length 10cm
1701440500
IDE Cable, Length 30+20cm
Optional Accessories
EPIC-5536
Ordering Information
Part Number
CPU
Fan/Fanless
Display
LVDS
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp
TF-EPIC-5536-A10
AMD Geode™ LX800
Fanless
CRT+ LVDS
24b, 1CH
SATA x 2
IDE x 1
CompactFlash™ x 1
FE x 2
4
3
1
PC/104+ x 1,
DC12V
0°C ~ 60°C
TF-EPIC-5536-A10-01
AMD Geode™ LX800
Fanless
CRT+ LVDS
18b, 1CH
SATA x 2
IDE x 1
CompactFlash™ x 1
FE x 2
4
3
1
PC/104+ x 1,
DC12V
0°C ~ 60°C


Similar Part No. - EPIC-5536

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EPIC-5537 AAEON-EPIC-5537 Datasheet
349Kb / 1P
   Onboard AMD Geode??LX 800 Processor
EPIC-5537W1 AAEON-EPIC-5537W1 Datasheet
315Kb / 1P
   Onboard AMD Geode??LX 800 Processor 500 MHz
More results

Similar Description - EPIC-5536

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX745-FL500 AXIOMTEK-EBOX745-FL500_16 Datasheet
305Kb / 1P
   AMD Geode LX800 500 MHz low voltage processor onboard
logo
AAEON Technology
PFM-540IREV.B AAEON-PFM-540IREV.B Datasheet
246Kb / 2P
   Onboard AMD Geode LX800 Processor
GENE-5315W1 AAEON-GENE-5315W1 Datasheet
394Kb / 1P
   3.5??SubCompact Board with Onboard AMD Geode Tm LX800 Processor
PFM-541I_1302 AAEON-PFM-541I_1302 Datasheet
304Kb / 2P
   PC/104 Module with Onboard AMD Geode LX800 Processor
EPIC-5537W1 AAEON-EPIC-5537W1 Datasheet
315Kb / 1P
   Onboard AMD Geode??LX 800 Processor 500 MHz
logo
Axiomtek Co., Ltd.
EBOX745-FL500 AXIOMTEK-EBOX745-FL500_17 Datasheet
349Kb / 1P
   Fanless Embedded System with AMD Geode LX800 500 MHz Processor
logo
AAEON Technology
PFM-541IW2 AAEON-PFM-541IW2 Datasheet
352Kb / 1P
   PC/104 CPU Module with Onboard AMD Geode LX800 Processor
PCM-5895B AAEON-PCM-5895B Datasheet
260Kb / 2P
   AMD Geode??LX800 Processor
logo
Axiomtek Co., Ltd.
EBOX646-FL AXIOMTEK-EBOX646-FL_17 Datasheet
214Kb / 1P
   Fanless Embedded System with AMD Geode LX800 500 MHz Processor for GamingManagement System
logo
AAEON Technology
AEC-6410 AAEON-AEC-6410 Datasheet
280Kb / 2P
   Compact Embedded Controller With AMD Geode LX800 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com