Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF-COM-TCW2-A10-03 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-COM-TCW2-A10-03
Description  COM Express Type 2 CPU Module with Onboard Intel Atom E620/E680 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-COM-TCW2-A10-03 Datasheet(HTML) 2 Page - AAEON Technology

  TF-COM-TCW2-A10-03 Datasheet HTML 1Page - AAEON Technology TF-COM-TCW2-A10-03 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
05-24
Dimension
Unit: mm
Ordering Information
TF-ECB-916M-B11
COM Express Carrier Board, microATX, Dual Gigabit Ethernet, 2 COM (Winbond), USB, PCI-Express, AT/ATX, Rev. B1.1
TF-PER-A110
Passive Heatsink, For COM-TC, Onboard CPU
TF-PER-A111
Heat Spreader Kit, For COM-TC, Onboard CPU
Optional Accessories
COM-TC
Part Number
COM Express Type
CPU
Memory
Display
LVDS
Storage
LAN
USB
URAT Expansion Slot
Power
Temp
TF-COM-TC-A10
2 (COM.0 Rev.2.0)
Intel® Atom™ E620/0.6G
Onboard 1GB DDR2
LVDS, SDVO
24-bit single channel
SATA2 x 2
PATA x 1
GbE x 1
USB2.0 x 6
USB (Client) x 1
PCI-E[1] x 2
12V
0°C ~ 60°C
TF-COM-TCW2-A10
2 (COM.0 Rev.2.0)
Intel® Atom™ E620T/0.6G
Onboard 1GB DDR2
LVDS, SDVO
24-bit single channel
SATA2 x 2
PATA x 1
GbE x 1
USB2.0 x 6
USB (Client) x 1
PCI-E[1] x 2
12V
WiTAS 2
-40°C ~ 85°C
TF-COM-TC-A10-03
2 (COM.0 Rev.2.0)
Intel® Atom™ E680/1.6G
Onboard 1GB DDR2
LVDS, SDVO
24-bit single channel
SATA2 x 2
PATA x 1
GbE x 1
USB2.0 x 6
USB (Client) x 1
PCI-E[1] x 2
12V
0°C ~ 60°C
TF-COM-TCW2-A10-03
2 (COM.0 Rev.2.0)
Intel® Atom™ E680T/1.6G
Onboard 1GB DDR2
LVDS, SDVO
24-bit single channel
SATA2 x 2
PATA x 1
GbE x 1
USB2.0 x 6
USB (Client) x 1
PCI-E[1] x 2
12V
WiTAS 2
-40°C ~ 85°C


Similar Part No. - TF-COM-TCW2-A10-03

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-COM-45GS-A10 AAEON-TF-COM-45GS-A10 Datasheet
323Kb / 2P
   Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
TF-COM-45GS-A10-01 AAEON-TF-COM-45GS-A10-01 Datasheet
323Kb / 2P
   Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
TF-COM-45GS-A10-02 AAEON-TF-COM-45GS-A10-02 Datasheet
323Kb / 2P
   Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
TF-COM-45GSW1-A10 AAEON-TF-COM-45GSW1-A10 Datasheet
323Kb / 2P
   Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
TF-COM-45GSW1-A10-01 AAEON-TF-COM-45GSW1-A10-01 Datasheet
323Kb / 2P
   Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
More results

Similar Description - TF-COM-TCW2-A10-03

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
NANOCOM-TC AAEON-NANOCOM-TC Datasheet
229Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom E620/E680 Processor
COM-945GSE AAEON-COM-945GSE Datasheet
376Kb / 2P
   COM Express Type 2 CPU Module With Onboard Intel Atom N270 Processor
logo
List of Unclassifed Man...
EMETXE-I2601 ETC2-EMETXE-I2601 Datasheet
1Mb / 2P
   Intel Atom E680/ E640 COM Express CPU Module
logo
AAEON Technology
NANOCOM-CV AAEON-NANOCOM-CV Datasheet
259Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom N2600 Processor
NANOCOM-LN AAEON-NANOCOM-LN Datasheet
214Kb / 2P
   COM Express Type 1 CPU Module with Onboard Intel Atom N455 Processor
NANOCOM-U15A2.0 AAEON-NANOCOM-U15A2.0 Datasheet
256Kb / 2P
   COM Express Type 1 CPU Module With Onboard Intel Atom Z530/Z510 Processor
COM-U15A2.0 AAEON-COM-U15A2.0 Datasheet
371Kb / 1P
   COM Express CPU Module With Onboard Intel Atom Z530/Z510 Processors
COM-QM57 AAEON-COM-QM57 Datasheet
273Kb / 2P
   COM Express Type 2 CPU Module with Onboard Intel Core i7/ i5/ Celeron짰 Processor
NANOCOM-EHL AAEON-NANOCOM-EHL Datasheet
587Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom®/Celeron®/Pentium®Processor
2023/03/22
COM-LNA1.0 AAEON-COM-LNA1.0 Datasheet
378Kb / 1P
   COM Express CPU Module With Onboard Intel Atom N450/D410/D510 Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com