Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AD1833 Datasheet(PDF) 3 Page - Analog Devices

Part No. AD1833
Description  Multichannel 24-Bit, 192 kHz, DAC
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 3 page
background image
REV. 0
–3–
AD1833
Parameter
Min
Typ
Max
Unit
Test Conditions
DIGITAL I/O
Input Voltage HI
3.0
V
Input Voltage LO
0.8
V
Output Voltage HI
DVDD2 – 0.4
V
Output Voltage LO
0.4
V
POWER SUPPLIES
Supply Voltage (AVDD and DVDD1)
4.5
5.0
5.5
V
Supply Voltage (DVDD2)
3.3
DVDD1
V
Supply Current IANALOG
38.5
42
mA
Supply Current IDIGITAL
42
45.5
mA
Active
2
mA
Power-Down
Power Supply Rejection Ratio
1 kHz 300 mV p-p Signal at Analog Supply Pins
–60
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
–50
dB
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
AVDD, DVDDx to AGND, DGND . . . . . . . . –0.3 V to +6.5 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital I/O Voltage to DGND . . . . . –0.3 V to DVDD2 + 0.3 V
Analog I/O Voltage to AGND . . . . . . –0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD1833 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
LQFP,
θJA Thermal Impedance . . . . . . . . . . . . . . . . . 91°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD1833AST
–40
°C to +85°C
Thin Plastic Quad Flatpack
ST-48
EVAL-AD1833EB
Evaluation Board
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
OUTRP1
OUTRN1
AVDD
AVDD
AGND
AGND
AGND
OUTLP1
OUTLN1
AVDD
AVDD
AGND
AGND
AGND
DGND
DVDD1
ZEROA
ZERO3R
DGND
DVDD2
RESET
ZERO1L
AD1833
ZERO3L
ZERO1R




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1833A24-Bit 192 kHz DAC 1 2 3 4 5 MoreAnalog Devices
AD19394 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC 1 2 3 4 5 MoreAnalog Devices
AD1852Stereo 24-Bit 192 kHz Multibit DAC 1 2 3 4 5 MoreAnalog Devices
AD1853Stereo 24-Bit 192 kHz Multibit DAC 1 2 3 4 5 MoreAnalog Devices
CS4391A24-BIT 192 kHz STEREO DAC WITH VOLUME CONTROL 1 2 3 4 5 MoreCirrus Logic
CS4340A24-Bit 192 kHz Stereo DAC for Audio  1 2 3 4 5 MoreCirrus Logic
CS4341A24-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS439124-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS439224-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS439624-Bit 192 kHz D/A Converter for Digital Audio  1 2 3 4 5 MoreCirrus Logic

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl