Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1816A Datasheet(PDF) 43 Page - Analog Devices

Part # AD1816A
Description  SoundPort Controller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816A Datasheet(HTML) 43 Page - Analog Devices

Back Button AD1816A Datasheet HTML 39Page - Analog Devices AD1816A Datasheet HTML 40Page - Analog Devices AD1816A Datasheet HTML 41Page - Analog Devices AD1816A Datasheet HTML 42Page - Analog Devices AD1816A Datasheet HTML 43Page - Analog Devices AD1816A Datasheet HTML 44Page - Analog Devices AD1816A Datasheet HTML 45Page - Analog Devices AD1816A Datasheet HTML 46Page - Analog Devices AD1816A Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
AD1816A
–43–
REV. A
AD1816A FLAG BYTES
The AD1816A has four flag bytes that are used as shown below:
(*) AD1816-compatible setting.
Byte 0
76543210
100
XTRA_HV
I
2S0_HV
SUPER_EN
XTRA_EN
MODEM_EN
MODEM_EN
Program to one to enable the modem logical device. This logical device has an I/O range and an IRQ.
The I/O range has the following requirements:
– Length of eight bytes
– Alignment of eight bytes
– 16-bit address decode
Program to zero to enable I
2S Port 1 (SUPER_EN and IRQ_EN must also be zero).
XTRA_EN
Program to one to enable the XTRA logical device. This logical device has an I/O range, an optional
IRQ, and an optional DMA. The I/O range has the following requirements:
– Length of 1 to 16 bytes, selectable by XTRASZ0[3:0]
– Alignment of 1 to 16 bytes, matches length
– 16-bit address decode
A second I/O range is available (see XTRA_CS). Program to zero to enable the DSP serial port (XTRA_HV
must also be zero).
SUPER_EN
Program to one to merge the XTRA and modem logical devices. If this bit is set to one, XTRA_EN and IRQ_EN
must be set to one and MODEM_EN must be set to zero. The combined device has up to two I/O ranges, two
IRQs and one DMA. The two I/O ranges are both taken from the XTRA device; the modem I/O range is disabled.
The first IRQ is the XTRA device IRQ, the second is the modem IRQ. Program to zero for distinct modem and
XTRA devices. (*)
I
2S0_HV
Program to one to enable hardware volume inputs on the I
2S port 0 pins.
XTRA_HV
Program to one to enable hardware volume inputs on the DSP serial port pins. Do not enable both XTRA_HV
and I
2S0_HV. Program to zero to enable the XTRA device DMA or the DSP serial port.
The three MSBs in the first byte of the AD1816A EEPROM are used to verify that the EEPROM data is valid. The bits are com-
pared to the values shown; if a mismatch is found, the EEPROM will be ignored. The internal ROM will be used to perform PnP
enumeration, and the MODEM and XTRA logical devices will not be available. Hardware volume will be enabled on the I
2S0
port. The SPORT is disabled.
Byte 1
76543210
RESERVED
0
0
RSTB_EN
IRQSEL3_9
IRQSEL12_13
IRQSEL12_13
Program to one to enable IRQ 13.
Program to zero to enable IRQ 12.
IRQ_EN must be one and MODEM_EN must be zero, or this bit has no effect.
IRQSEL3_9
Program to one to enable IRQ 9.
Program to zero to enable IRQ 3. (*)
MODEM_EN or IRQ_EN must be one, or this bit has no effect.
RSTB_EN
Program to one to enable an active-low RESET output on the XCTRLO pin.
Program to zero to enable XCTRL0/PCLKO. (*)


Similar Part No. - AD1816A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1816A AD-AD1816A_15 Datasheet
398Kb / 52P
   SoundPort Controller
REV. A
More results

Similar Description - AD1816A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1812 AD-AD1812 Datasheet
339Kb / 20P
   SoundPort Controller
REV. 0
AD1816A AD-AD1816A_15 Datasheet
398Kb / 52P
   SoundPort Controller
REV. A
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
   AC97 SoundPort Codec
REV. 0
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
   AC 97 SoundPort Codec
REV. 0
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com