Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHP-2122 Datasheet(PDF) 1 Page - AAEON Technology

Part # AHP-2122
Description  12.1??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D525 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AHP-2122 Datasheet(HTML) 1 Page - AAEON Technology

  AHP-2122 Datasheet HTML 1Page - AAEON Technology AHP-2122 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
02-5
02
Features
Specifications
12.1” XGA (1024 x 768) TFT LCD Display
Intel® Atom™ D525 Processor, Fanless Cooling System
Wide Operation Temperature : -20
˚
C ~ 60˚C
IP-65 Aluminum Die Cast Front Bezel
12.1” 500 Nits XGA LED Backlight
12.1” 1000 Nits XGA LED Backlight
Two Easy Access Front USB Ports
Power Input Protection:
Over-Voltage protection
Low-Voltage protection
Reverse Protection
12.1” Rugged Fanless Touch Panel Computer With Onboard Intel® Atom™ D525 Processor
System
Processor
Onboard Intel® Atom™ D525, 1.8 GHz
Memory
DDR2 SODIMM x 1, up to 4GB
LCD/CRT Controller
Integrated in Processor
Ethernet
10/100/1000Base-TX, RJ-45 x 2
I/O Port
RS-232 x 1, RS-232/422/485 x 1, USB2.0 x 4 (2 on front; 2 on rear), Line-out
x 1, VGA x 1
Storage Disk Drive
2.5" SATA Hard Disk Drive/ CompactFlash™ Slot (Internal)
OS support
Windows® XP, Windows® 7, Windows® CE, Linux Fedora
Mechanical
Construction
IP-65/ NEMA4 for aluminum die Cast Front bezel & metal chassis
Mounting
Panel/ Wall/ VESA 100/ Desktop
Dimension
345.6mm x 265.7mm x 91mm
Carton Dimension
17.9” x 15.75” x 12.6” (455mm x 400mm x 320mm)
Gross Weight
19.8 lb (9 kg)
Net Weight
15.4 lb (7 kg)
Environmental
Operating Temperature
-4°F ~ 140°F (-20°C ~ 60°C)
Storage Temperature
-4°F ~ 158°F (-20°C ~ 70°C)
Storage Humidity
10%~95% @ 40°C; non-condensing
Vibration
1 g rms/5~500Hz/ Random operation (HDD)
Shock
20 G peak acceleration (11 msec. Duration)
EMC
CE/FCC Class A
Power Supply
DC input
9~30V DC input:
Over-Voltage protection;
Low-voltage protection;
Reverse protection
LCD
Display type
12.1" TFT-LCD
Max Resolution
1024 x 768
Max. Colors
262k colors
Luminance
HTT: 500, STT: 1000
Viewing Angle
HTT: 160°(H)/160°(V), STT: 160°(H)/140°(V)
Back Light
HTT: LED, STT: LED
Back Light MTBF (hours)
HTT:50,000, STT: 60,000
Touchscreen
Type
5-wire,Analog Resistive
Light Transmission
80%
Life time
35 Million activations
AHP-2122
2 USB
Brightness -
Power Switch
Line-out
RS-232/422/485
VGA
2 LAN
2 USB
Power
Connector
RS-232
Brightness +
Power On/Off


Similar Part No. - AHP-2122

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AHP-2153 AAEON-AHP-2153 Datasheet
455Kb / 2P
   15??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D2550 Processor
AHP-2173 AAEON-AHP-2173 Datasheet
277Kb / 2P
   fanless operation
AHP-2173HTT-A1-1011 AAEON-AHP-2173HTT-A1-1011 Datasheet
277Kb / 2P
   fanless operation
AHP-2176 AAEON-AHP-2176 Datasheet
421Kb / 2P
   17??Rugged Fanless Touch Panel Computer With Intel Celeron 827E Processor
AHP-2176HTT-A2-1010 AAEON-AHP-2176HTT-A2-1010 Datasheet
421Kb / 2P
   17??Rugged Fanless Touch Panel Computer With Intel Celeron 827E Processor
More results

Similar Description - AHP-2122

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AHP-2153 AAEON-AHP-2153 Datasheet
455Kb / 2P
   15??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D2550 Processor
AFP-6123 AAEON-AFP-6123 Datasheet
284Kb / 2P
   12.1??Stainless Fanless Touch Panel Computer With Intel Atom D2550 Onboard, 2G RAM
AFP-6152 AAEON-AFP-6152 Datasheet
288Kb / 2P
   15??Stainless Fanless Touch Panel Computer With Intel Atom D525 Processor, 2G RAM
AHP-1122 AAEON-AHP-1122 Datasheet
422Kb / 2P
   12.1??XGA HMI Touch Panel Computer with Onboard Intel Atom D510 1.66 GHz Processor
logo
Axiomtek Co., Ltd.
GOT3126T-834 AXIOMTEK-GOT3126T-834_17 Datasheet
440Kb / 2P
   12.1 XGA TFT Extended Temp. Fanless Touch Panel Computer with Intel Atom
GOT3156T-834 AXIOMTEK-GOT3156T-834 Datasheet
378Kb / 2P
   15 XGA TFT Fanless Touch Panel Computer with Intel Atom Processor
logo
AAEON Technology
AGP-3125 AAEON-AGP-3125 Datasheet
340Kb / 2P
   12.1" Rugged Touch Panel Computer With Intel Core i7/i5/P4500 Processor
AHP-2176 AAEON-AHP-2176 Datasheet
421Kb / 2P
   17??Rugged Fanless Touch Panel Computer With Intel Celeron 827E Processor
logo
Axiomtek Co., Ltd.
GOT3126T-834 AXIOMTEK-GOT3126T-834 Datasheet
470Kb / 2P
   12.1 XGA TFT Extended Temp. Fanless Touch Panel Computer with Intel Atom Processor E3827 (-20C55C)
GOT3156T-834 AXIOMTEK-GOT3156T-834_17 Datasheet
377Kb / 2P
   15 XGA TFT Fanless Touch Panel Computer with Intel Atom Processor E3827
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com