Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF-AEC-6940-A4-1010 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-AEC-6940-A4-1010
Description  Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor And PCI-Express Expansion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AEC-6940-A4-1010 Datasheet(HTML) 1 Page - AAEON Technology

  TF-AEC-6940-A4-1010 Datasheet HTML 1Page - AAEON Technology TF-AEC-6940-A4-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
10-43
10
Fanless Design
Intel® Core™ 2 Duo Processor
PCI-Express [x 16] x 1, PCI-Express [x1] x 1
Wide DC Power Input Range
Gigabit Ethernet x 2
COM x 4, USB x 4
Express Card x 1
Mini Card x 1
ATX Power Function
Advanced Fanless Embedded Controller With Intel® Core™ 2 Duo Processor And PCI-Express Expansion
AEC-6940
Power LED
HDD LED
Express Card Slot
USB2.0 x 4
Audio
Keyboard & Mouse
VGA
Power Switch
Ethernet
CompactFlash™ Slot
Power Input
COM x 4
PCI-Express Slot
PCI Slot
Reset
CPU
Intel® Core™ 2 Duo Processor
Chipset
Intel® GM45 + ICH9M
System Memory
204-pin DDR3 SODIMM x 2, Max. 4GB
Display
Interface
VGA
DB-15, shared system memory up to 512MB/ DVMT 5.0
DVI
Others
Storage
Device
SSD
Type 2 CompactFlash™ Slot x 1
HDD
SATA 3.0Gb/s HDD bay x 1
Network
LAN
Gigabit Ethernet
Wireless
Front I/O
USB Port
4
LAN
RJ-45 x 2
Serial Port
DIO
Audio
Line-in/ Line-out/ Mic-in, requires an extension cable
KB/MS
PS/2
Others
Power button x 1, Express Card socket x 1, Reset button x 1, SYS LED x 1, HDD
LED x 1, CompactFlash™ slot x 1
Rear I/O
USB Port
LAN
Serial Port
RS-232 x 3, RS-232/422/485 x 1
DIO
Audio
KB/MS
Others
Power inlet x 1
Expansion
PCIe [x1]
1 (version A), PCIe [x 16] x 1 (A/B version)
PCI
1 (version B)
Mini Card
1
Mini PCI
Others
Express Card socket x 1
Indicator
Front
System LED x 1, HDD LED x 1
Rear
Power Requirement
DC 9-30V
Power Consumption
DC 19V/ 2.84A
System Cooling
Passive cooling
Mounting
Wallmount
Operating Temperature
No Airflow
32°F ~ 131°F (0°C ~ 55°C) Wide
Temperature CFD with WT RAM x 2
Ambient with Airflow
5°F ~ 149°F (-15°C ~ 65°C) Wide
Temperature CFD with WT RAM x 2
Storage Temperature
-4°F ~ 158°F (-20°C ~ 70°C)
Anti-Vibration
5 g rms/ 5 ~ 500Hz/ operation – CFD
1 g rms/ 5 ~ 500Hz/ operation – HDD
Anti-Shock
50 G peak acceleration (11 msec. duration) – CFD
MTBF
37,000
Features
Specifications


Similar Part No. - TF-AEC-6940-A4-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AEC-6900-A1 AAEON-TF-AEC-6900-A1 Datasheet
501Kb / 2P
   Fanless Design, Intel짰 ULV Celeron짰 650MHz Processor
TF-AEC-6900-B1 AAEON-TF-AEC-6900-B1 Datasheet
501Kb / 2P
   Fanless Design, Intel짰 ULV Celeron짰 650MHz Processor
TF-AEC-6905-A1-1010 AAEON-TF-AEC-6905-A1-1010 Datasheet
291Kb / 2P
   Fanless Design, Wide Power Input Range, PCI Slot x 1, PC/104 Socket x 2 (Stack)
TF-AEC-6905-A2-1010 AAEON-TF-AEC-6905-A2-1010 Datasheet
291Kb / 2P
   Fanless Design, Wide Power Input Range, PCI Slot x 1, PC/104 Socket x 2 (Stack)
TF-AEC-6910-A1 AAEON-TF-AEC-6910-A1 Datasheet
275Kb / 2P
   Fanless Design, Intel짰 Pentium짰 M (Up To 2.0 GHz)/ Celeron짰 M Processor
More results

Similar Description - TF-AEC-6940-A4-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6920 AAEON-AEC-6920 Datasheet
335Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor And PCI-Express Expansion
AEC-6930 AAEON-AEC-6930 Datasheet
273Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
AEC-6924 AAEON-AEC-6924 Datasheet
289Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
AEC-6876 AAEON-AEC-6876 Datasheet
370Kb / 2P
   Fanless Embedded Controller With Intel Core i7/ i5/ Celeron Processor And PCI-Express Expansion
AEC-6967 AAEON-AEC-6967 Datasheet
336Kb / 2P
   Advanced Fanless Embedded Controller With Intel 2nd Generation Core i Series Processors And PCI-Express Expansion
AEC-6877 AAEON-AEC-6877 Datasheet
343Kb / 2P
   Fanless Embedded Controller With Intel Core i7/i5/Celeron Processor And PCI/PCIe Expansion
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
AEC-6635 AAEON-AEC-6635 Datasheet
524Kb / 2P
   Fanless Embedded Controller With Intel Core i7/i5 Processor
AIS-Q454 AAEON-AIS-Q454 Datasheet
274Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core 2 Duo/ Quad Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com