Electronic Components Datasheet Search |
|
AD1582 Datasheet(PDF) 4 Page - Analog Devices |
|
AD1582 Datasheet(HTML) 4 Page - Analog Devices |
4 / 12 page AD1582/AD1583/AD1584/AD1585 –4– REV. D AD1584–SPECIFICATIONS AD1584A AD1584B AD1584C Parameter Min Typ Max Min Typ Max Min Typ Max Unit OUTPUT VOLTAGE (@ 25 °C) VO 4.056 4.096 4.136 4.092 4.096 4.100 4.088 4.096 4.104 V INITIAL ACCURACY ERROR (@ 25 °C) VOERR –40 +40 –4 +4 –8 +8 mV –0.98 +0.98 –0.1 +0.1 –0.2 +0.2 % OUTPUT VOLTAGE TEMPERATURE DRIFT 100 50 50 ppm/ °C TEMPERATURE COEFFICIENT (TCVO) –40 °C < T A < +125 °C40 100 18 50 18 50 ppm/ °C 0 °C < T A < 70 °C351515 ppm/ °C MINIMUM SUPPLY HEADROOM (VIN–VOUT) 200 200 200 mV LOAD REGULATION 0 mA < IOUT < 5 mA (–40 °C to +85°C) 0.32 0.32 0.32 mV/mA 0 mA < IOUT < 5 mA (–40 °C to +125°C) 0.52 0.52 0.52 mV/mA –5 mA < IOUT < 0 mA (–40 °C to +85°C) 0.40 0.40 0.40 mV/mA –5 mA < IOUT < 0 mA (–40 °C to +125°C) 0.6 0.6 0.6 mV/mA –0.1 mA < IOUT < +0.1 mA (–40 °C to +85°C) 3.2 3.2 3.2 mV/mA –0.1 mA < IOUT < +0.1 mA (–40 °C to +125°C) 4.1 4.1 4.1 mV/mA LINE REGULATION VOUT 200 mV < VIN < 12 V IOUT = 0 mA 25 25 25 µV/V RIPPLE REJECTION ( ∆V OUT/ ∆V IN) VIN = 5 V ± 100 mV (f = 120 Hz) 80 80 80 dB QUIESCENT CURRENT 70 70 70 µA SHORT-CIRCUIT CURRENT TO GROUND 15 15 15 mA NOISE VOLTAGE (@ 25 °C) 0.1 Hz to 10 Hz 110 110 110 µV p-p 10 Hz to 10 kHz 90 90 90 µV rms TURN-ON SETTLING TIME TO 0.1% CL = 0.2 µF 140 140 140 µs LONG-TERM STABILITY 1000 Hours @ 25 °C 100 100 100 ppm/1000 hrs. OUTPUT VOLTAGE HYSTERESIS 115 115 115 ppm TEMPERATURE RANGE Specified Performance (A, B, C) –40 +125 –40 +125 –40 +125 °C Operating Performance (A, B, C) –55 +125 –55 +125 –55 +125 °C Specifications subject to change without notice. (@ TA = TMIN to TMAX, VIN = 5 V, unless otherwise noted.) |
Similar Part No. - AD1582 |
|
Similar Description - AD1582 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |