Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD14160L Datasheet(PDF) 5 Page - Analog Devices

Part # AD14160L
Description  Quad-SHARC DSP Multiprocessor Family
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14160L Datasheet(HTML) 5 Page - Analog Devices

  AD14160L Datasheet HTML 1Page - Analog Devices AD14160L Datasheet HTML 2Page - Analog Devices AD14160L Datasheet HTML 3Page - Analog Devices AD14160L Datasheet HTML 4Page - Analog Devices AD14160L Datasheet HTML 5Page - Analog Devices AD14160L Datasheet HTML 6Page - Analog Devices AD14160L Datasheet HTML 7Page - Analog Devices AD14160L Datasheet HTML 8Page - Analog Devices AD14160L Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
AD14160/AD14160L
–5–
REV. A
ADDR31–0
DATA47–0
CPA
BR2–6
BR1
BMS
CONTROL
AD14160/
AD14160L
5
1x
CLOCK
RESET
ADDR
DATA
HOST
PROCESSOR
INTERFACE
(OPTIONAL)
ACK
CS
GLOBAL
MEMORY
AND
PERIPHERALS
(OPTIONAL)
OE
WE
ADDR
DATA
CS
ADDR
DATA
BOOT
EPROM
(OPTIONAL)
RD
WR
MS3–0
SBTS
SW
ADRCLK
CS
HBR
HBG
REDY
ACK
RESET
RPBA
CLKIN
PAGE
CPA
BR1–5
BR6
CONTROL
ADSP-2106x #6
(OPTIONAL)
ADDR31–0
DATA47–0
5
RESET
RPBA
CLKIN
ADDR31–0
DATA47–0
CPA
BR
1, 2, 3, 4, 6
BR5
CONTROL
ADSP-2106x #5
(OPTIONAL)
5
3
ID
3
ID
RESET
RPBA
CLKIN
SERIALS
LINKS
DISCRETES
3
ID
Figure 5. Optional System Interconnections


Similar Part No. - AD14160L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD140 ETC1-AD140 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
Analog Devices
AD1403 AD-AD1403 Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403 AD-AD1403 Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403A AD-AD1403A Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403A AD-AD1403A Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
More results

Similar Description - AD14160L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD14060 AD-AD14060 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
ADSP-21060LCW-133 AD-ADSP-21060LCW-133 Datasheet
479Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21061 AD-ADSP-21061_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP-21061LKSZ-160 AD-ADSP-21061LKSZ-160 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
REV. D
ADSP-21061L AD-ADSP-21061L_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
   DSP Microcomputer Family
REV. B
ADSP-2106X AD-ADSP-2106X Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com