Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD14160 Datasheet(PDF) 28 Page - Analog Devices

Part # AD14160
Description  Quad-SHARC DSP Multiprocessor Family
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14160 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD14160 Datasheet HTML 24Page - Analog Devices AD14160 Datasheet HTML 25Page - Analog Devices AD14160 Datasheet HTML 26Page - Analog Devices AD14160 Datasheet HTML 27Page - Analog Devices AD14160 Datasheet HTML 28Page - Analog Devices AD14160 Datasheet HTML 29Page - Analog Devices AD14160 Datasheet HTML 30Page - Analog Devices AD14160 Datasheet HTML 31Page - Analog Devices AD14160 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
AD14160/AD14160L
–28–
REV. A
transfer is controlled by ADDR31-0, RD, WR, MS3-0, and ACK
(not
DMAG). For Paced Master mode, the “Memory Read–Bus
Master”, “Memory Write–Bus Master”, and “Synchronous
Read/Write–Bus Master” timing specifications for ADDR31-0,
RD, WR, MS
3-0, SW, PAGE, DATA47-0, and ACK also apply.
40 MHz–5 V
40 MHz–3.3 V
Parameter
Min
Max
Min
Max
Units
Timing Requirements:
tSDRLC
DMARx Low Setup Before CLKIN1
5.5
5.5
ns
tSDRHC
DMARx High Setup Before CLKIN1
5.5
5.5
ns
tWDR
DMARx Width Low (Nonsynchronous)
6
6
ns
tSDATDGL
Data Setup After
DMAGx Low2
9 + 5DT/8
9 + 5DT/8
ns
tHDATIDG
Data Hold After
DMAGx High
2.5
2.5
ns
tDATDRH
Data Valid After
DMAGx High2
15 + 7DT/8
15 + 7DT/8
ns
tDMARLL
DMAGx Low Edge to Low Edge
23 + 7DT/8
23 + 7DT/8
ns
tDMARH
DMAGx Width High
6
6
ns
Switching Characteristics:
tDDGL
DMAGx Low Delay After CLKIN
9 + DT/4
16 + DT/4
9 + DT/4
16 + DT/4
ns
tWDGH
DMAGx High Width
6 + 3DT/8
6 + 3DT/8
ns
tWDGL
DMAGx Low Width
12 + 5DT/8
12 + 5DT/8
ns
tHDGC
DMAGx High Delay After CLKIN
–2 – DT/8
7 – DT/8
–2 – DT/8
7 – DT/8
ns
tVDATDGH
Data Valid Before
DMAGx High3
7 + 9DT/16
7 + 9DT/16
ns
tDATRDGH
Data Disable After
DMAGx High4
–0.5
8
–0.5
8
ns
tDGWRF
WR Low Before DMAGx Low
–0.5
2.5
–0.5
2.5
ns
tDGWRH
DMAGx Low Before WR High
9.5 + 5DT/8 + W
9.5 + 5DT/8 + W
ns
tDGWRR
WR High Before DMAGx High
0.5 + DT/16
3.5 + DT/16
0.5 + DT/16
3.5 + DT/16
ns
tDGRDF
RD Low Before DMAGx Low
–0.5
2.5
–0.5
2.5
ns
tDRDGH
RD Low Before DMAGx High
10.5 + 9DT/16 + W
10.5 + 9DT/16 + W
ns
tDGRDR
RD High Before DMAGx High
–0.5
3.5
–0.5
3.5
ns
tDGWR
DMAGx High to WR, RD, DMAGx Low
5 + 3DT/8 + HI
5 + 3DT/8 + HI
ns
tDADGH
Address/Select Valid to
DMAGx High
16 + DT
16 + DT
ns
tDDGHA
Address/Select Hold After
DMAGx High
–1.5
–1.5
ns
W = (number of wait states specified in WAIT register)
× t
CK.
HI = tCK (if an address hold cycle or bus idle cycle occurs, as specified in WAIT register; otherwise HI = 0).
NOTES
1Only required for recognition in the current cycle.
2t
SDATDGL is the data setup requirement if DMARx is not being used to hold off completion of a write. Otherwise, if DMARx low holds off completion of the write, the
data can be driven tDATDRH after DMARx is brought high.
3t
VDATDGH is valid if DMARx is not being used to hold off completion of a read. If DMARx is used to prolong the read, then t VDATDGH = 7 + 9DT/16 + (n × tCK) where
n equals the number of extra cycles that the access is prolonged.
4See System Hold Time Calculation under Test Conditions for calculation of hold times given capacitive and dc loads.
DMA Handshake
These specifications describe the three DMA handshake modes.
In all three modes
DMAR is used to initiate transfers. For hand-
shake mode,
DMAG controls the latching or enabling of data
externally. For external handshake mode, the data transfer is
controlled by the ADDR31-0, RD, WR, SW, PAGE, MS3-0,
ACK, and
DMAG signals. For Paced Master mode, the data


Similar Part No. - AD14160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD140 ETC1-AD140 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
Analog Devices
AD1403 AD-AD1403 Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403 AD-AD1403 Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403A AD-AD1403A Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403A AD-AD1403A Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
More results

Similar Description - AD14160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD14060 AD-AD14060 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
ADSP-21060LCW-133 AD-ADSP-21060LCW-133 Datasheet
479Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21061 AD-ADSP-21061_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP-21061LKSZ-160 AD-ADSP-21061LKSZ-160 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
REV. D
ADSP-21061L AD-ADSP-21061L_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
   DSP Microcomputer Family
REV. B
ADSP-2106X AD-ADSP-2106X Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com